Electronic Components Datasheet Search
  English  ▼

X  

660C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 660C
Description  High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

660C Datasheet(HTML) 3 Page - Vishay Siliconix

  660C Datasheet HTML 1Page - Vishay Siliconix 660C Datasheet HTML 2Page - Vishay Siliconix 660C Datasheet HTML 3Page - Vishay Siliconix 660C Datasheet HTML 4Page - Vishay Siliconix 660C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
660C, 660R
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
3
Document Number: 22209
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
660#15AE###
660#15AED10
Z5U
1000
+ 80 % /
- 20 %
15
5.3
21
0.83
13
0.50
660#15AED15
1500
660#15AED22
2200
30
1.18
660#15AED33
3300
660#15AED47
4700
660#15AED68
6800
37
1.45
13.5
0.53
660#20AZ###
660#20AZT22
N4700
(T3M)
220
± 20 %
20
7
21
0.83
15
0.60
660#20AZT68
680
30
1.18
660#20AZD10
1000
37
1.45
660#20AC###
660#20ACT10
X7R
100
± 20 %
20
7
21
0.83
15
0.60
660#20ACT22
220
660#20ACT33
330
660#20ACT47
470
17
0.65
660#20ACT68
680
30
1.18
15
0.60
660#20ACD10
1000
660#20ACD15
1500
20
0.80
660#20ACD22
2200
37
1.45
18
0.70
660#20ACD25
2500
19
0.75
660#20ACD27
2700
20
0.80
660#20AE###
660#20AET68
Z5U
680
+ 80 % /
- 20 %
20
7
21
0.83
15
0.60
660#20AED10
1000
17
0.66
660#20AED15
1500
15
0.60
660#20AED22
2200
30
1.18
660#20AED33
3300
660#20AED47
4700
37
1.45
19
0.75
660#20AED50
5000
14
0.55
660#30AZ###
660#30AZT18
N4700
(T3M)
180
± 20 %
30
10.6
21
0.83
20
0.80
660#30AZT47
470
30
1.18
660#30AZT68
680
37
1.45
660#30AC###
660#30ACT10
X7R
100
± 20 %
30
10.6
21
0.83
20
0.80
660#30ACT22
220
660#30ACT33
330
660#30ACT47
470
19
0.75
660#30ACT68
680
30
1.18
20
0.80
660#30ACD10
1000
660#30ACD15
1500
37
1.45
660#30ACD20
2000
SAP NUMBER AND ELECTRICAL DATA
MODEL NUMBER
4TH DIGIT:
C = STANDARD
R = RoHS COMPLIANT
CERAMIC
CAP.
VALUE
(pF)
TOLERANCE
(%)
RATED
VOLTAGE
(kVDC)
RATED
VOLTAGE
(kVRMS)
D MAX.
(mm)
D MAX.
(INCHES)
H MAX.
(mm)
H MAX.
(INCHES)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com