Electronic Components Datasheet Search
  English  ▼

X  

LT4351 Datasheet(PDF) 1 Page - Linear Technology

Part # LT4351
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351 Datasheet(HTML) 1 Page - Linear Technology

  LT4351 Datasheet HTML 1Page - Linear Technology LT4351 Datasheet HTML 2Page - Linear Technology LT4351 Datasheet HTML 3Page - Linear Technology LT4351 Datasheet HTML 4Page - Linear Technology LT4351 Datasheet HTML 5Page - Linear Technology LT4351 Datasheet HTML 6Page - Linear Technology LT4351 Datasheet HTML 7Page - Linear Technology LT4351 Datasheet HTML 8Page - Linear Technology LT4351 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT4351
1
sn4351 4351fs
MOSFET Diode-OR Controller
s
Low Loss Replacement for ORing Diode in Multiple
Sourced Power Supplies
s
External N-Channel MOSFETs for High Current
Capability
s
Internal Boost Regulator Supply for MOSFET
Gate Drive
s
Wide Input Range: 1.2V to 18V
s
Fast Switching MOSFET Gate Control
s
Input Under and Overvoltage Detection
s
STATUS and FAULT Outputs for Monitoring
s
Internal MOSFET Gate Clamp
s
Available in a 10-pin MSOP
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Paralleled Power Supplies
s
Uninterrupted Supplies
s
High Availability Systems
s
N + 1 Redundant Power Supplies
The LT4351 creates a near-ideal diode using external
single or back-to-back N-channel MOSFETs. This ideal
diode function permits low loss ORing of multiple power
sources. Power sources can easily be ORed together to
increase total system power and reliability with minimal
effect on supply voltage or efficiency. Disparate power
supplies can be efficiently ORed together.
The IC monitors the input supply with respect to the load
and turns on the MOSFET(s) when the input supply is
higher. If the MOSFET’s RDS(ON) is sufficiently small, the
LT4351 will regulate the voltage across the MOSFET(s) to
15mV. A STATUS pin indicates the MOSFET on state.
An internal boost regulator generates the MOSFET gate
drive voltage. Low operating voltage allows for OR’ing of
supplies as low as 1.2V.
The LT4351 will disable power passage during undervolt-
age or overvoltage conditions. These voltages are set by
resistive dividers on the UV and OV pins. The undervoltage
threshold has user programmable hysteresis. Overvolt-
age detection is filtered to reduce false triggering.
The LT4351 is available in a 10-pin MSOP.
Dual 5V Redundant Supply
RLOAD
CLOAD
GATE
OUT
VIN
VDD
SW
LT4351
UV
OV
STATUS
1
µF
24.9k
1%
232
Ω
1%
1.47k
1%
10
µF
10
µF
5V
POWER
SUPPLY
1
4.7
µH
MBR0530
FAULT
GND
Si4862DY
Si4862DY
GATE
OUT
5V COMMON
VIN
VDD
SW
LT4351
UV
OV
STATUS
1
µF
24.9k
1%
232
Ω
1%
1.47k
1%
4351 TA01
4.7
µH
MBR0530
FAULT
GND
POWER
SUPPLY
2
5V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT4351

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4351 LINER-LT4351_15 Datasheet
343Kb / 20P
MOSFET Diode-OR Controller
More results

Similar Description - LT4351

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4354 LINER-LTC4354 Datasheet
127Kb / 12P
Negative Voltage Diode-OR Controller and Monitor
logo
Diodes Incorporated
ZXGD3102T8 DIODES-ZXGD3102T8 Datasheet
305Kb / 15P
ACTIVE OR?섾NG CONTROLLER
ZXGD3102 DIODES-ZXGD3102 Datasheet
389Kb / 15P
ACTIVE OR?섾NG CONTROLLER
MAY 2009
logo
Linear Technology
LTC4354 LINER-LTC4354_15 Datasheet
195Kb / 14P
Negative Voltage Diode-OR Controller and Monitor
LT4351 LINER-LT4351_15 Datasheet
343Kb / 20P
MOSFET Diode-OR Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4371 LINER-LTC4371 Datasheet
412Kb / 22P
Dual Negative Voltage Ideal Diode-OR Controller and Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Diodes Incorporated
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
ACTIVE OR-ING MOSFET CONTROLLER
Rev erse
ZXGD3111N8 DIODES-ZXGD3111N8 Datasheet
576Kb / 10P
200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com