Electronic Components Datasheet Search
  English  ▼

X  

LT4351 Datasheet(PDF) 6 Page - Linear Technology

Part # LT4351
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT4351 Datasheet HTML 2Page - Linear Technology LT4351 Datasheet HTML 3Page - Linear Technology LT4351 Datasheet HTML 4Page - Linear Technology LT4351 Datasheet HTML 5Page - Linear Technology LT4351 Datasheet HTML 6Page - Linear Technology LT4351 Datasheet HTML 7Page - Linear Technology LT4351 Datasheet HTML 8Page - Linear Technology LT4351 Datasheet HTML 9Page - Linear Technology LT4351 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT4351
6
sn4351 4351fs
PI FU CTIO S
OV (Pin 6): Overvoltage Shutdown Pin. This pin is used
for input overvoltage detection. It is connected to a
resistive divider from VIN. When the voltage exceeds the
OV threshold (0.3V), GATE is pulled to GND disabling
power transfer. In addition, the FAULT pin pulls low
indicating a fault. Overvoltage detection has filtering on it
to prevent false triggering. The filtering depends on the
level of overdrive. Filtered tripping will occur when OV
exceeds 0.3V. If OV exceeds 0.33V, the gate immediately
turns off (no filtering). If overvoltage detection is not
required, ground the OV pin. See Applications Informa-
tion for further information.
UV (Pin 7): Undervoltage Shutdown Pin. This pin is used
for the undervoltage detect function. It is connected to a
resistive divider from VIN. When the voltage is below the
UV threshold, GATE pulls to GND disabling power transfer.
In addition, the FAULT pin pulls low indicating a fault. When
the UV pin voltage drops below the threshold, a 10
µAcurrent
is pulled from the divider to provide hysteresis. If under-
voltage detection is not required, tie the UV pin to a voltage
greater than 320mV and not greater than VIN. Do not force
more than 9V on UV due to an internal clamp. See Appli-
cations Information for further information.
FAULT (Pin 8): Fault Comparator Status Pin. This pin pulls
low when a fault occurs. A fault has occured if the UV pin
is below threshold or the OV pin is above threshold. The
FAULT pin low indicates that there is a problem with the
VIN (source) supply. GATE is pulled to GND during a fault,
disabling the MOSFET(s) and prohibits common supply
contamination. If the GATE pin goes to compliance (GATE
equals the lesser of VDD – 2.3V or OUT + 7.4V) and VIN is
greater than OUT by more than 0.21V, FAULT turns on as
an indicator that the MOSFETs are probably not function-
ing. Leave this pin open if not used.
STATUS (Pin 9): MOSFET Status Pin. This pin pulls low
when GATE is above VIN by more than 0.7V and VIN is
greater than OUT by 15mV. This indicates the MOSFET is
on. Leave this pin open if not used.
OUT (Pin 10): Common Supply Pin. This pin is connected
to the supply common and is used in conjunction with VIN
as one input controlling the MOSFET(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com