Electronic Components Datasheet Search
  English  ▼

X  

LT4351 Datasheet(PDF) 14 Page - Linear Technology

Part # LT4351
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT4351 Datasheet HTML 10Page - Linear Technology LT4351 Datasheet HTML 11Page - Linear Technology LT4351 Datasheet HTML 12Page - Linear Technology LT4351 Datasheet HTML 13Page - Linear Technology LT4351 Datasheet HTML 14Page - Linear Technology LT4351 Datasheet HTML 15Page - Linear Technology LT4351 Datasheet HTML 16Page - Linear Technology LT4351 Datasheet HTML 17Page - Linear Technology LT4351 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT4351
14
sn4351 4351fs
APPLICATIO S I FOR ATIO
Start-Up Considerations
There is no inherent shutdown in the part. As VIN ramps up,
the boost regulator starts at about 0.85V and becomes fully
operational by 1.1V. The undervoltage and overvoltage
comparators become accurate by 1.2V. The gate drive
amplifier keeps GATE low during this period with either a
passive pull-down, a weak active pull-down if OUT is greater
than 0.8V or with the full gate drive sink if VDD isabove2.2V.
Once VIN is greater than 1.2V and VDD is up, the part then
operates normally. The UV and OV pins will control the
enabling of the gate driver and once enabled, the VIN to
OUT voltage controls MOSFET turn on.
If VDD is still being charged when the gate driver turns on
the MOSFET, the GATE pin tracks with the VDD increase
until it reaches either the gate clamp voltage or the
compliance of the gate driver. If VDD is present without VIN
or OUT, the GATE pin actively sinks low.
Power Dissipation
The internal power dissipation of the LT4351 is comprised
of the following four major components: DC power dissi-
pation from VIN, DC power dissipation from VDD, the
dissipation in the boost switch including the base drive,
and dynamic power dissipation due to current used to
charge and discharge the MOSFETs. The DC components
are:
PDCVIN = IVIN • VIN
PDCVDD = IVDD • VDD
Figure 11 shows the internal dissipation of the boost
regulator as a function of VIN and inductor value. Figure 11
represents the worst-case condition with the regulator on
all the time, which does not occur in normal practice.
Since the boost regulator supplies current for VDD, the
current is the VDD supply current (3.5mA) plus the average
current to charge the gate. For a gate charge of 50nC at a
10kHz rate, this adds 0.5mA of current. The power dissi-
pated by the boost regulator to supply the 4mA is shown
in Figure 12, representing a more typical situation.
Finally, the gate driver dissipates power internally when
charging and discharging the gate of the MOSFETs. This
power depends on the input capacitance of the MOSFETs
and the frequency of charge and discharge. The power
associated with this can be approximated by:
Pf
V
Q
V
GATE
G
DD
G
IN
=


••
•
–
1
16
where QG is the required gate charge to charge the
MOSFET to the clamp voltage (7.4V) and fG is the fre-
quency at which the gate is charged and discharged.
Normally fG is low and the resulting power would be very
low. Figure 13 shows PGATE for a 50nC gate charge at a
1kHz rate.
Total power dissipation is the sum of all of PDCVIN, PDCVDD,
PBOOST and PGATE. Figure 14 is representative of the total
power dissipation of a typical application at steady state.
Figure 11. PBOOST(MAX)
Figure 12. PBOOST(TYP)
VIN (V)
0
0.20
0.25
L = 10
µH
L = 4.7
µH
20
4351 F11
0.15
0.10
5
10
15
0.30
VIN (V)
0
0.015
0.020
L = 4.7
µH
20
4351 F12
0.010
0.005
5
10
15
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com