Electronic Components Datasheet Search
  English  ▼

X  

LT4351 Datasheet(PDF) 4 Page - Linear Technology

Part # LT4351
Description  MOSFET Diode-OR Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4351 Datasheet(HTML) 4 Page - Linear Technology

  LT4351 Datasheet HTML 1Page - Linear Technology LT4351 Datasheet HTML 2Page - Linear Technology LT4351 Datasheet HTML 3Page - Linear Technology LT4351 Datasheet HTML 4Page - Linear Technology LT4351 Datasheet HTML 5Page - Linear Technology LT4351 Datasheet HTML 6Page - Linear Technology LT4351 Datasheet HTML 7Page - Linear Technology LT4351 Datasheet HTML 8Page - Linear Technology LT4351 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT4351
4
sn4351 4351fs
IVIN vs Temperature
Gate Off Voltage vs Temperature
GATE Pin Turn On and Off
Waveform with 10nF Capacitor
Load
Typical SW Pin Waveform
Overvoltage Threshold vs VIN
Overvoltage Hysteresis
vs Temperature
VIN (V)
0
302
306
310
16
4351 G04
298
294
300
304
308
296
292
290
4
2
8
6
12 14
18
10
20
TEMPERATURE (
°C)
–50
–25
0
10
25
0
50
75
4351 G05
5
20
15
25
100
125
VIN = 5V
Overvoltage Turn-Off Delay
vs Overvoltage Overdrive
OV VOLTAGE ABOVE THRESHOLD (mV)
0
0
2
6
8
10
20
14
10
20
25
3451 G06
4
16
18
12
5
15
30
35
VIN = 5V
TEMPERATURE (
°C)
–50
1.0
1.1
1.3
1.4
1.5
2.0
1.7
0
50
75
4351 G07
1.2
1.8
1.9
1.6
–25
25
100
125
VIN = 1.2V
VIN = 5V
VIN = 12V
VIN = 20V
IVDD vs Temperature
TEMPERATURE (
°C)
–50
2.0
3.0
3.5
4.5
0
50
75
4351 G08
2.5
4.0
–25
25
100
125
VIN = 1.2V
VIN = 5V
VIN = 12V
VIN = 20V
TEMPERATURE (
°C)
–50
0
0.05
0.15
0.20
0.25
0.50
0.35
0
50
75
4351 G09
0.10
0.40
0.45
0.30
–25
25
100
125
VIN = 5V
VOUT = 5V
VIN = 5V
VOUT = 5.1V
VSW
2V/DIV
VIN = 5V
50ns/DIV
3451 G10
VOUT = 4.9V to 5.1V SQUARE WAVE
TURN ON
TURN OFF
VSW
5V/DIV
VIN = 5V
500ns/DIV
3451 G11
L = 4.7
µH
TYPICAL PERFOR A CE CHARACTERISTICS
Specifications are at TA = 25°C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com