Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9214
Description  3V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices AD9214 Datasheet HTML 10Page - Analog Devices AD9214 Datasheet HTML 11Page - Analog Devices AD9214 Datasheet HTML 12Page - Analog Devices AD9214 Datasheet HTML 13Page - Analog Devices AD9214 Datasheet HTML 14Page - Analog Devices AD9214 Datasheet HTML 15Page - Analog Devices AD9214 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
REV. D
AD9214
–11–
TEMPERATURE – C
–40
46
58
44
48
50
52
54
80
40
0
56
SINAD 10.3MHz/105MSPS
SNR 10.3MHz/105MSPS
TPC 13. SINAD/SNR vs. Temperature (fAIN = 10.3 MHz,
fENCODE = 105 MSPS, 1 V p-p)
TEMPERATURE – C
–40
0.5
4.0
0.0
1.0
1.5
2.0
2.5
80
40
0
3.0
3.5
TPC 14. ADC Gain vs. Temperature (with External 1.25 V
Reference)
TEMPERATURE – C
–40
1.240
1.220
1.225
1.230
80
40
0
1.235
TPC 15. ADC Reference vs. Temperature (with 200
µA Load)
IREF – A
–500
1.40
1.10
1.15
1.25
1.35
1.30
1.20
–400 –300 –200 –100
0
100
200
300
400
500
TPC 16. ADC Reference vs. Current Load
CODE
0
1.00
–1.00
–0.75
0.00
0.75
0.25
–0.25
128
256
384
512
640
768
896
1024
0.50
–0.50
TPC 17. INL @ 80 MSPS
CODE
0
1.00
–1.00
–0.75
0.00
0.75
0.25
–0.25
128
256
384
512
640
768
896
1024
0.50
–0.50
TPC 18. DNL @ 80 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com