Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9214
Description  3V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9214 Datasheet HTML 12Page - Analog Devices AD9214 Datasheet HTML 13Page - Analog Devices AD9214 Datasheet HTML 14Page - Analog Devices AD9214 Datasheet HTML 15Page - Analog Devices AD9214 Datasheet HTML 16Page - Analog Devices AD9214 Datasheet HTML 17Page - Analog Devices AD9214 Datasheet HTML 18Page - Analog Devices AD9214 Datasheet HTML 19Page - Analog Devices AD9214 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
REV. D
AD9214
–15–
AD9214/PCB Bill of Material
#
Quantity
Reference Designator
Device
Package
Value
1
1
N/A
PCB
219
C1–C3, C5–C14, C16–C20, C25–C28
Capacitor
603
0.1
µF
3
4
C21–C24
Capacitor
CAPTAJD
10
µF
4
1
C4
Capacitor
603
0.01
µF
5
4
R1, R2, R4, R8
Resistor
1206
25
Ω
6
4
R7, R10, R12, R17
Resistor
1206
50
Ω
74
U5–U8
Resistor
RPAK_742
100
Ω
8
1
R21
Resistor
1206
0
Ω
9
2
R6, R9
Resistor
1206
2000
Ω
10
37
E1–E6, E8–E9, E11–E27, E29, E31–E41
Test Points
TSW-120-07-G-S
Jumper Connections
SMT-100-BK-G
11
3
J1, J2, J5
Connector
SMB
51-52-220
12
1
U12
Clock Chip
SOIC
SN74LVC86
13
1
U11
DAC
SOIC
AD9752
14
1
U3
Latch
SOIC
74LCX821
15
1
U1
ADC/DUT
SOIC
AD9214
16
1
U2
40-Pin Header
Samtec TSW-120-07-G-D
17
1
T1
Transformer
Mini Circuits ADT1-1WT
18
3
U4, U9, U10
Power Strip
Newark 95F5966
Power Connector
25.602.5453.0
The following items are included in the PCB design, but are omitted at assembly.
19
3
C1, C20, C28
Capacitor
603
0.1
µF
20
2
C30, C29
Capacitor
CAPTAJD
10
µF
21
1
C15
Capacitor
603
15 pF
22
4
R5, R18, R25, R26
Resistor
1206
500
Ω
23
1
R23
Resistor
1206
1 k
Ω
24
1
R24
Resistor
1206
4 k
Ω
25
3
R11, R15, R16
Resistor
1206
User Select
26
2
R13, R14
Resistor
1206
N/A
27
3
R27, R28, R3
Resistor
1206
50
Ω
28
1
R19
Resistor
1206
0
Ω
29
1
Z1
Op Amp
SOIC
AD8138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com