Electronic Components Datasheet Search
  English  ▼

X  

AD9214 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9214
Description  3V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9214 Datasheet(HTML) 3 Page - Analog Devices

  AD9214 Datasheet HTML 1Page - Analog Devices AD9214 Datasheet HTML 2Page - Analog Devices AD9214 Datasheet HTML 3Page - Analog Devices AD9214 Datasheet HTML 4Page - Analog Devices AD9214 Datasheet HTML 5Page - Analog Devices AD9214 Datasheet HTML 6Page - Analog Devices AD9214 Datasheet HTML 7Page - Analog Devices AD9214 Datasheet HTML 8Page - Analog Devices AD9214 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
REV. D
–2–
AD9214–SPECIFICATIONS
DC SPECIFICATIONS
Test
AD9214-65
AD9214-80
AD9214-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
10
10
Bits
ACCURACY
No Missing Codes
25
°C
VI
Guaranteed
Guaranteed
Guaranteed
Full
VI
Guaranteed
Guaranteed
Offset Error
Full
VI
–18
0
+18
–18
0
+18
–18
0
+18
LSB
Gain Error
1
25
°C
I
–2
+8
–2
+8
–2
+8
% FS
Differential Nonlinearity
2
25
°C
I
–1.0
±0.5
+1.0
–1.0
±0.5
+1.2
–1.0
±0.8
+1.5
LSB
(DNL)
Full
V
–1.0
+1.2
–1.0
+1.4
+1.7
LSB
Integral Nonlinearity
2
25
°C
I
–1.35
±0.75
+1.35
–1.5
±0.75
+1.5
–2.2
±1.5
+2.2
LSB
(INL)
Full
V
–1.9
+1.9
–1.8
+1.8
–2.5
+2.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
16
16
16
ppm/
°C
Gain Error
1
Full
V
150
150
150
ppm/
°C
Reference Voltage
Full
V
80
80
80
ppm/
°C
REFERENCE (REF)
Internal Reference Voltage
25
°C
VI
1.18
1.23
1.28
1.18
1.23
1.28
1.18
1.23
1.28
V
Output Current
3
Full
V
200
200
200
µA
Input Current4
Full
V
123
123
123
µA
Input Resistance
Full
V
10
10
10
k
Ω
ANALOG INPUTS (AIN, A
IN)
Differential Input Range
Full
V
1 or 2
1 or 2
1 or 2
V p-p
Common-Mode Voltage
Full
V
AVDD/3
AVDD/3
AVDD/3
V
Differential Input Resistance
5
Full
V
20
20
20
k
Ω
Differential Input Capacitance
Full
V
5
5
5
pF
POWER SUPPLY
Supply Voltages
AVDD
Full
IV
2.7
3.6
2.7
3.6
2.7
3.6
V
DrVDD
Full
IV
2.7
3.6
2.7
3.6
2.7
3.6
V
Supply Current
IAVDD (AVDD = 3.0 V)
6
Full
VI
64
75
90
105
95
110
mA
Power-Down Current
7
IAVDD (AVDD = 3.0 V)
Full
VI
10
15
10
15
10
15
mA
Power Consumption8
Full
VI
190
220
250
300
285
325
mW
PSRR
25
°CI
±0.5
±1
±1
LSB/V
Full
V
±2
±2
±2
mV/V
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.25 V external reference).
2Measured with 1 V A
IN range for AD9214-80 and AD9214-105. Measured with 2 V A IN range for AD9214-65.
3REFSENSE externally connected to AGND, REF is configured as an output for the internal reference voltage.
4REFSENSE externally connected to AV
DD, REF is configured as an input for an external reference voltage.
510 k
Ω to AV
DD/3 on each input.
6I
AVDD is measured with an analog input of 10.3 MHz, 0.5 dBFS, sine wave, rated encode rate, and PWRDN = 0. See Typical Performance Characteristics and
Applications section for IDrVDD.
7Power-down supply currents measured with PWRDN = 1; rated encode rate, A
IN = full-scale dc input.
8Power consumption measured with A
IN = full-scale dc input.
Specifications subject to change without notice.
(AVDD = 3 V, DrVDD = 3 V; TMIN = –40 C, TMAX = +85 C; external 1.25 V voltage reference and rated encode
frequency used, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com