Electronic Components Datasheet Search
  English  ▼

X  

AD9410 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 5 Page - Analog Devices

  AD9410 Datasheet HTML 1Page - Analog Devices AD9410 Datasheet HTML 2Page - Analog Devices AD9410 Datasheet HTML 3Page - Analog Devices AD9410 Datasheet HTML 4Page - Analog Devices AD9410 Datasheet HTML 5Page - Analog Devices AD9410 Datasheet HTML 6Page - Analog Devices AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD9410
Rev. A | Page 4 of 20
SWITCHING SPECIFICATIONS
VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = −0.5 dBFS; clock input = 210 MSPS; TA = 25°C; unless otherwise noted.
Table 2.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
210
MSPS
Minimum Conversion Rate
Full
IV
100
MSPS
Clock Pulse Width High, tEH
25°C
IV
1.2
2.4
ns
Clock Pulse Width Low, tEL
25°C
IV
1.2
2.4
ns
Aperture Delay, tA
25°C
V
1.0
ns
Aperture Uncertainty (Jitter)
25°C
V
0.65
ps rms
Output Valid Time, tV
Full
VI
3.0
ns
Output Propagation Delay, tPD
Full
VI
7.4
ns
Output Rise Time, tR
25°C
V
1.8
ns
Output Fall Time, tF
25°C
V
1.4
ns
CLKOUT Propagation Delay, tCPD1
Full
VI
2.6
4.8
6.4
ns
Data to DCO Skew, (tPD – tCPD)
Full
IV
0
1
2
ns
DS Setup Time, tSDS
Full
IV
0.5
ns
DS Hold Time, tHDS
Full
IV
0
ns
Interleaved Mode (A, B Latency)
Full
VI
A = 6, B = 6
Cycles
Parallel Mode (A, B Latency)
Full
VI
A = 7, B = 6
Cycles
1 CLOAD = 5 pF.
DIGITAL SPECIFICATIONS
VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = −0.5 dBFS; clock input = 210 MSPS; TA = 25°C; unless otherwise noted.
Table 3.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
DIGITAL INPUTS
DFS, Input Logic 1 Voltage
Full
IV
4
V
DFS, Input Logic 0 Voltage
Full
IV
1
V
DFS, Input Logic 1 Current
Full
V
50
μA
DFS, Input Logic 0 Current
Full
V
50
μA
I/P Input Logic 1 Current1
Full
V
400
μA
I/P Input Logic 0 Current1
Full
V
1
μA
CLK+, CLK− Differential Input Voltage
Full
IV
0.4
V
CLK+, CLK− Differential Input Resistance
Full
V
1.6
kΩ
CLK+, CLK− Common-Mode Input Voltage2
Full
V
1.5
V
DS, DS Differential Input Voltage
Full
IV
0.4
V
DS, DS Common-Mode Input Voltage
Full
V
1.5
V
Digital Input Pin Capacitance
25°C
V
3
pF
DIGITAL OUTPUTS
Logic 1 Voltage (VDD = 3.3 V)
Full
VI
VDD – 0.05
V
Logic 0 Voltage (VDD = 3.3 V)
Full
VI
0.05
V
Output Coding
Binary or Twos Complement
1 I/P pin Logic 1 = 5 V, Logic 0 = GND. It is recommended to use a series 2.5 kΩ (±10%) resistor to VDD when setting to Logic 1 to limit input current.
2 See Clock Input section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com