Electronic Components Datasheet Search
  English  ▼

X  

AD9410 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 1 Page - Analog Devices

  AD9410 Datasheet HTML 1Page - Analog Devices AD9410 Datasheet HTML 2Page - Analog Devices AD9410 Datasheet HTML 3Page - Analog Devices AD9410 Datasheet HTML 4Page - Analog Devices AD9410 Datasheet HTML 5Page - Analog Devices AD9410 Datasheet HTML 6Page - Analog Devices AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
10-Bit,
210 MSPS ADC
AD9410
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2000–2007 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 54 dB with 99 MHz analog input
500 MHz analog bandwidth
On-chip reference and track and hold
1.5 V p-p differential analog input range
5.0 V and 3.3 V supply operation
3.3 V CMOS/TTL outputs
Power: 2.1 W typical at 210 MSPS
Demultiplexed outputs each at 105 MSPS
Output data format option
Data sync input and data clock output provided
Interleaved or parallel data output option
APPLICATIONS
Communications and radars
Local multipoint distribution services (LMDS)
High-end imaging systems and projectors
Cable reverse paths
Point-to-point radio links
FUNCTIONAL BLOCK DIAGRAM
T/H
DS
CLK–
DS
CLK+
DFS
I/P
REFERENCE
DGND
AGND
DCO
10
DCO
AD9410
10
10
ADC
10-BIT
CORE
TIMING AND
SYNCHRONIZATION
PORT
B
PORT
A
REFIN REFOUT
VD VDD VCC
ORA
DA9–DA0
ORB
DB9–DB0
AIN
AIN
Figure 1.
GENERAL DESCRIPTION
The AD9410 is a 10-bit monolithic sampling analog-to-digital
converter (ADC) with an on-chip track-and-hold circuit and is
optimized for high speed conversion and ease of use. The product
operates at a 210 MSPS conversion rate, with outstanding
dynamic performance over its full operating range.
The ADC requires a 5.0 V and 3.3 V power supply and up to a
210 MHz differential clock input for full performance operation.
No external reference or driver components are required for many
applications. The digital outputs are TTL-/CMOS-compatible and
separate output power supply pins also support interfacing with
3.3 V logic.
The clock input is differential and TTL-/CMOS-compatible.
The 10-bit digital outputs can be operated from 3.3 V (2.5 V to
3.6 V) supplies. Two output buses support demultiplexed data
up to 105 MSPS rates and binary or twos complement output
coding format is available. A data sync function is provided for
timing-dependent applications. An output clock simplifies
interfacing to external logic. The output data bus timing is
selectable for parallel or interleaved mode, allowing for
flexibility in latching output data.
Fabricated on an advanced BiCMOS process, the AD9410 is
available in an 80-lead thin quad flat package, exposed pad
specified over the industrial temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
High Resolution at High Speed—The architecture is spe-
cifically designed to support conversion up to 210 MSPS
with outstanding dynamic performance.
2.
Demultiplexed Output—Output data is decimated by two
and provided on two data ports for ease of data transport.
3.
Output Data Clock—The AD9410 provides an output data
clock synchronous with the output data, simplifying the
timing between data and other logic.
4.
Data Synchronization—A DS input is provided to allow for
synchronization of two or more AD9410s in a system, or to
synchronize data to a specific output port in a single
AD9410 system.


Similar Part No. - AD9410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410 AD-AD9410 Datasheet
315Kb / 20P
10-Bit, 210 MSPS A/D Converter
REV.0
AD9410/PCB AD-AD9410/PCB Datasheet
315Kb / 20P
10-Bit, 210 MSPS A/D Converter
REV.0
AD9410BSQ AD-AD9410BSQ Datasheet
315Kb / 20P
10-Bit, 210 MSPS A/D Converter
REV.0
AD9410 AD-AD9410_15 Datasheet
463Kb / 20P
10-Bit, 210 MSPS ADC
REV. A
More results

Similar Description - AD9410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410 AD-AD9410 Datasheet
315Kb / 20P
10-Bit, 210 MSPS A/D Converter
REV.0
logo
Texas Instruments
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
Analog Devices
AD9239 AD-AD9239 Datasheet
1Mb / 40P
Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9410 AD-AD9410_15 Datasheet
463Kb / 20P
10-Bit, 210 MSPS ADC
REV. A
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com