Electronic Components Datasheet Search
  English  ▼

X  

AD9410 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9410 Datasheet HTML 11Page - Analog Devices AD9410 Datasheet HTML 12Page - Analog Devices AD9410 Datasheet HTML 13Page - Analog Devices AD9410 Datasheet HTML 14Page - Analog Devices AD9410 Datasheet HTML 15Page - Analog Devices AD9410 Datasheet HTML 16Page - Analog Devices AD9410 Datasheet HTML 17Page - Analog Devices AD9410 Datasheet HTML 18Page - Analog Devices AD9410 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AD9410
Rev. A | Page 14 of 20
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
105
ENCODE = 210MSPS
AIN1, AIN2 = –7dBFS
SFDR = 62dBFS
Figure 18. Two Tone Test AIN1 = 80.3 MHz, AIN2 = 81.3 MHz
54.5
54.0
53.5
53.0
52.5
52.0
51.5
55.0
55.5
SNR
SINAD
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
Figure 19. SNR/SINAD vs. Temperature, 210 MSPS, AIN = 70 MHz
TEMPERATURE (°C)
70
68
66
64
62
60
58
72
74
H2
H3
–40
–20
0
20
40
60
80
100
120
Figure 20. Second and Third Harmonics vs. Temperature;
AIN = 70 MHz, 210 MSPS
ANALOG SUPPLY (V)
2.48
2.47
2.46
2.51
2.52
2.50
2.49
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
Figure 21. VREFOUT vs. Analog 5 V Supply
SAMPLE RATE (MSPS)
110
100
60
10
260
310
210
160
220
360
410
460
IAhi3
IAhi5
Ivdd
120
140
160
180
200
Figure 22. Power Supply Currents vs. Sample Rate
LOAD CURRENT (mA)
2.35
0
2.30
2.25
1.5
2.40
2.5
2.45
2.50
2.55
0.5
1.0
2.0
Figure 23. VREFOUT vs. ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com