Electronic Components Datasheet Search
  English  ▼

X  

AD9410 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9410
Description  10-Bit 210 MSPS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9410 Datasheet HTML 10Page - Analog Devices AD9410 Datasheet HTML 11Page - Analog Devices AD9410 Datasheet HTML 12Page - Analog Devices AD9410 Datasheet HTML 13Page - Analog Devices AD9410 Datasheet HTML 14Page - Analog Devices AD9410 Datasheet HTML 15Page - Analog Devices AD9410 Datasheet HTML 16Page - Analog Devices AD9410 Datasheet HTML 17Page - Analog Devices AD9410 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AD9410
Rev. A | Page 13 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
105
ENCODE = 210MSPS
AIN = 40MHz @ –0.5dBFS
SNR = 54.5dB
SINAD = 53.5dB
Figure 12. Single Tone at 40 MHz; 210 MSPS
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
105
ENCODE = 210MSPS
AIN = 100MHz @ –0.5dBFS
SNR = 53.5dB
SINAD = 52.5dB
Figure 13. Single Tone at 100 MHz; 210 MSPS
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
105
ENCODE = 210MSPS
AIN = 160MHz @ –0.5dBFS
SNR = 53dB
SINAD = 52dB
Figure 14. Single Tone at 160 MHz; 210 MSPS
51
50
49
48
47
46
45
53
55
SNR
SINAD
52
54
AIN (MHz)
0
50
100
150
200
250
Figure 15. SNR/SINAD vs. AIN; 210 MSPS
SAMPLE RATE (MSPS)
53.0
52.5
52.0
51.5
51.0
50.5
50.0
54.0
55.0
SNR
SINAD
53.5
54.5
100
120
140
160
180
200
220
240
Figure 16. SNR/SINAD vs. Sample Rate; AIN = 70 MHz
PULSE WIDTH (ns)
40
35
30
55
60
50
45
SINAD
SNR
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 17. SNR/SINAD vs. Clock Positive Pulse Width
(fS = 210 MSPS, AIN = 70 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com