Electronic Components Datasheet Search
  English  ▼

X  

LTC3413 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology LTC3413 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3413
sn3413 3413fs
high to low to high again, a packet of charge dQ moves
from VIN to ground. The resulting dQ/dt is the current out
of VIN that is typically larger than the DC bias current. In
continuous mode, IGATECHG = f(QT + QB) where QT and QB
are the gate charges of the internal top and bottom
switches. Both the DC bias and gate charge losses are
proportional to VIN and thus their effects will be more
pronounced at higher supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In con-
tinuous mode the average output current flowing through
inductor L is “chopped” between the main switch and the
synchronous switch. Thus, the series resistance looking
into the SW pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can be
obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses, simply add RSW to RL
and multiply the result by the square of the average output
current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% of the total loss.
Thermal Considerations
In most applications, the LTC3413 does not dissipate
much heat due to its high efficiency.
But, in applications where the LTC3413 is running at high
ambient temperature with low supply voltage and high
duty cycles, such as in dropout, the heat dissipated may
exceed the maximum junction temperature of the part. If
the junction temperature reaches approximately 150
°C,
both power switches will be turned off and the SW node
will become high impedance.
To avoid the LTC3413 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TR = (PD)(θJA)
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3413 in dropout at an
input voltage of 3.3V, a load current of 3A and an ambient
temperature of 70
°C. From the Typical Performance graph
of switch resistance, the RDS(ON) of the P-channel switch
at 70
°C is approximately 97mΩ. Therefore, power dissi-
pated by the part is:
PD = (ILOAD2)(RDS(ON)) = (3A)2(97mΩ) = 0.87W
For the TSSOP package, the
θJA is 38°C/W. Thus the
junction temperature of the regulator is:
TJ = 70°C + (0.87W)(38°C/W) = 103°C
which is below the maximum junction temperature of
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com