Electronic Components Datasheet Search
  English  ▼

X  

LTC3413 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology LTC3413 Datasheet HTML 14Page - Linear Technology LTC3413 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC3413
sn3413 3413fs
APPLICATIO S I FOR ATIO
125
°C.
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance (RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
∆ILOAD(ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating a feedback error signal used by
the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability prob-
lem. The ITH pin external components and output capaci-
tor shown in Figure 1a will provide adequate compensa-
tion for most applications.
Output Voltage Tracking of VREF
For applications in which the VREF pin is connected to the
VIN pin, the output voltage will be equal to one-half of the
voltage on the VIN pin. Because the output voltage will
track the input voltage, any disturbance on VIN will appear
on VOUT. For example, a load step transient could cause
the input voltage to drop if there is insufficient bulk
capacitance at the VIN pin. The corresponding drop in the
output voltage during the load step transient is caused by
the VOUT tracking of VIN and should not be confused with
poor load regulation.
Design Example
As a design example, consider using the LTC3413 in an
application with the following specifications: VIN = 2.5V,
VOUT = 1.25V, IOUT(MAX) = ±3A, f = 1MHz.
First, calculate the timing resistor:
Rk
k
OSC =Ω =
Ω
323 10
110
10
313
11
6
.•
•
–
Use a standard value of 309k. Next, calculate the inductor
value for about 40% ripple current:
L
V
MHz
A
V
V
H
=




=µ
125
11 2
1
125
25
047
.
•.
–
.
.
.
Using a 0.47
µH inductor results in a maximum ripple
current of:
∆=
µ




=
I
V
MHz
H
V
V
A
L
125
10 47
1
125
25
133
.
•.
–
.
.
.
COUT will be selected based on the ESR that is required to
satisfy the output voltage ripple requirement and the bulk
capacitance needed for loop stability. For this design, two
100
µFceramiccapacitorswillbeused.CINshouldbesized
for a maximum current rating of:
IA
V
V
V
V
A
RMS
RMS
=


=
3
125
25
25
125
11 5
.
.
.
.
–.
Decoupling the PVIN pins with two 100µF capacitors is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com