Electronic Components Datasheet Search
  English  ▼

X  

LTC4410 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4410
Description  USB Power Manager in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4410 Datasheet(HTML) 1 Page - Linear Technology

  LTC4410 Datasheet HTML 1Page - Linear Technology LTC4410 Datasheet HTML 2Page - Linear Technology LTC4410 Datasheet HTML 3Page - Linear Technology LTC4410 Datasheet HTML 4Page - Linear Technology LTC4410 Datasheet HTML 5Page - Linear Technology LTC4410 Datasheet HTML 6Page - Linear Technology LTC4410 Datasheet HTML 7Page - Linear Technology LTC4410 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC4410
sn4410 4410fs
USB Power Manager
in ThinSOT
■ Manages Total Power Between a USB Peripheral
and Battery Charger
■ Minimal Voltage Drop (100mV at 500mA)
■ Ultralow Battery Drain: 1µA
■ Reverse Current Blocking Diode Not Required
■ Undervoltage Lockout
■ Very Few External Components
■ Compatible with Several LTC Linear Battery Chargers
■ Overtemperature Protected
■ Dual Battery Charge Priority Management
■ Low Profile (1mm) SOT-23 Package
■ Cellular Phones
■
PDAs
■ Digital Cameras
■ MP3 Players
■ Battery Backup Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®4410 enables simultaneous battery charging and
operation of portable USB 1.0 and 2.0 compliant devices
while they are connected to a USB port. As the USB periph-
eral load increases, the LTC4410 proportionally reduces
the battery charge current to keep the total current less
than 500mA or 100mA, depending on the state of the MODE
pin.
The LTC4410 includes a USB present output that drives an
external P-channel MOSFET to disconnect the battery from
the USB peripheral when the USB power is valid. This
allows device operation when connected to the USB port,
even when the battery is deeply discharged.
Other features include reverse current blocking, thermal
shutdown and low quiescent current (80µA in 500mA
MODE) that is compliant with USB Suspend Mode.
The LTC4410 is available in the low profile (1mm) SOT-23
(ThinSOT
TM) package.
ThinSOT is a trademark of Linear Technology Corporation.
System Load Step Response
USB Powered Battery Charger and Power Manager
200mA
240mA
440mA
0mA
0mA
5µs/DIV
LOAD
CURRENT
BATTERY
CHARGER
CURRENT
4410 TA02
4.7µF
4.7µF
0.1µF
1Ω
3.4k
1%
1M
VOUT
GND
NTC
TIMER
1-CELL
Li-Ion
LTC4410
LTC4053
VIN
VCC
BAT
GND
SHDN
USBP
CHP
MODE
OFF ON
SYSTEM POWER
SUPPLY
USB
MODE
500mA
100mA
SUSPEND
LTC4410
MODE
1
0
1
LTC4053
SHDN
1
1
0
4.35V TO 5.5V
FROM
USB
100mA 500mA
4410 TA01
IRLML6401
PROG
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4410

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4410 LINER-LTC4410 Datasheet
214Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4410 LINER-LTC4410 Datasheet
135Kb / 8P
USB Power Manager in ThinSOT
LTC4410 LINER-LTC4410_15 Datasheet
135Kb / 8P
USB Power Manager in ThinSOT
More results

Similar Description - LTC4410

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
High Effi ciency Battery Charger/USB Power Manager
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
3V/5V SIM Power Supply in ThinSOT
LTC4410 LINER-LTC4410_15 Datasheet
135Kb / 8P
USB Power Manager in ThinSOT
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
High Efficiency Battery Charger/USB Power Manager
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com