Electronic Components Datasheet Search
  English  ▼

X  

LTC4410 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4410
Description  USB Power Manager in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4410 Datasheet(HTML) 6 Page - Linear Technology

  LTC4410 Datasheet HTML 1Page - Linear Technology LTC4410 Datasheet HTML 2Page - Linear Technology LTC4410 Datasheet HTML 3Page - Linear Technology LTC4410 Datasheet HTML 4Page - Linear Technology LTC4410 Datasheet HTML 5Page - Linear Technology LTC4410 Datasheet HTML 6Page - Linear Technology LTC4410 Datasheet HTML 7Page - Linear Technology LTC4410 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC4410
sn4410 4410fs
APPLICATIO S I FOR ATIO
USB Power Management and Wall Adapter Power
With the addition of a few components, the LTC4410
allows for simultaneous device operation and battery
charging while connected to USB port or wall adapter. The
LTC4410 will proportionally reduce the battery charge
current to keep the total current within the current rated for
the wall adapter. Figure 1 shows an example of how to
combine the USB power and wall adapter inputs. A
P-channel MOSFET, MP1, is used to prevent back con-
ducting into the USB port when a wall adapter is present.
The pull-down resistor, R1, is to assure that MP1 is on
when there is no wall adapter. The Schottky diode, D1, is
used to prevent USB power loss through R1. If the wall
adapter used has more than 500mA capability, a resistor,
R3, connected in parallel with R2 using N-channel MOSFET
MN1 will increase the charge current when the wall adapter
is present. In this example the battery charge current is
340mA without the wall adapter (see the LTC4053 data
sheet for details on how to program the battery charge
current). When the wall adapter is present, the charge
current is 750mA.
4.7µF
1Ω
R1
1k
D1
R3
4.87k
1%
MN1
R2
3.4k
1%
VOUT
LTC4410
VIN
GND
USBP
CHP
MP1
MODE
100mA 500mA
4.35V TO 5.25V
FROM USB
5V WALL ADAPTER
750mA
0.1µF
GND
NTC
TIMER
LTC4053
VIN
BAT
1-CELL
Li-Ion
SHDN
OFF ON
4410 F01
PROG
4.7µF
1M
ILOAD
MP2
SYSTEM
POWER SUPPLY
Figure 1. USB Power Management and Wall Adapter Power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com