Electronic Components Datasheet Search
  English  ▼

X  

LTC4410 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4410
Description  USB Power Manager in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4410 Datasheet(HTML) 7 Page - Linear Technology

  LTC4410 Datasheet HTML 1Page - Linear Technology LTC4410 Datasheet HTML 2Page - Linear Technology LTC4410 Datasheet HTML 3Page - Linear Technology LTC4410 Datasheet HTML 4Page - Linear Technology LTC4410 Datasheet HTML 5Page - Linear Technology LTC4410 Datasheet HTML 6Page - Linear Technology LTC4410 Datasheet HTML 7Page - Linear Technology LTC4410 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC4410
sn4410 4410fs
APPLICATIO S I FOR ATIO
C1
4.7µF
C3
4.7µF
C2
0.15µF
R1
1Ω
R3
2k
R2
2k
VOUT
GND
NTC
TIMER
BAT2
LTC4410
LTC4053
VIN
VIN
BAT
GND
SHDN
USBP
CHP
MODE
OFF ON
5V WALL
ADAPTER
4410 F02
PROG
+
+
+
C4
0.1µF
GND
NTC
TIMER
BAT1
LTC4053
VIN
BAT
SHDN
OFF ON
PROG
+
Figure 2. Priority Dual Battery Charging with Wall Adapter
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Dual Battery Charging with Priority
The LTC4410 can be used to manage two battery chargers,
giving one of the chargers (see Figure 2) priority. When
BAT1 is being charged, the charge current is flowing
through the LTC4410. The LTC4410 is sensing the current
and sourcing a current equal to BAT1 charge current/1000
out of CHP. This effectively reduces the BAT2 charger
current. As BAT1 current demands reduce, the current
sourced out of CHP is reduced, enabling BAT2 to have
more current. In this example the power supply is a 750mA
minimum wall adapter, RPROG (R2 and R3) for the charg-
ers are 2kΩ, resulting in a 750mA charge current. In this
application, the total current out of the wall adapter will
never exceed 750mA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com