Electronic Components Datasheet Search
  English  ▼

X  

LTC4410 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4410
Description  USB Power Manager in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4410 Datasheet(HTML) 4 Page - Linear Technology

  LTC4410 Datasheet HTML 1Page - Linear Technology LTC4410 Datasheet HTML 2Page - Linear Technology LTC4410 Datasheet HTML 3Page - Linear Technology LTC4410 Datasheet HTML 4Page - Linear Technology LTC4410 Datasheet HTML 5Page - Linear Technology LTC4410 Datasheet HTML 6Page - Linear Technology LTC4410 Datasheet HTML 7Page - Linear Technology LTC4410 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC4410
sn4410 4410fs
VIN (Pin 1): Positive Input Supply. When VIN > 4.2V, the
internal undervoltage lockout enables the main switch that
connects VIN to VOUT. Bypass VIN with a 10µF ceramic
capacitor and a 1Ω resistor in series or use a 10µF
capacitor with at least 1Ω minimum ESR. This minimizes
the voltage transient that can occur when the input is hot
switched.
GND (Pin 2): Signal Ground for the LTC4410.
MODE (Pin 3): Mode Select Input. This pin selects the
maximum USB port current of either 100mA or 500mA.
When MODE is high, the current out of CHP will be IVOUT/
1000. When MODE is low, the current out of CHP will be
IVOUT/1000 + 370µA (typical).
BLOCK DIAGRA
THERMAL
SHUTDOWN
M2
×1000
VB
USBP
M1
×1
M3
370µA
S1
MODE
CHP
R1
–
+
REF
1.25V
R3
R2
VIN
1
3
5
VOUT
6
GND
4410 BD
USBP
2
4
–
+
BODY
SWITCH
PI FU CTIO S
USBP (Pin 4): USB Voltage Present Output. This pin goes
high when VIN exceeds the undervoltage lockout threshold
(4.2V typical).
CHP (Pin 5): Charger Program Output. This pin sources a
current that is used by the battery charger to control
charge current.
VOUT (Pin 6): LTC4410 Output. Bypass this pin with a
10µF or larger X5R ceramic capacitor. This capacitor
may be omitted if other circuitry connected to VOUT
contains a bypass capacitor. When VOUT > VIN, the internal
switch is held off, resulting in very low battery drain
current (1µA typical).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com