Electronic Components Datasheet Search
  English  ▼

X  

AD9280 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9280
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9280 Datasheet HTML 5Page - Analog Devices AD9280 Datasheet HTML 6Page - Analog Devices AD9280 Datasheet HTML 7Page - Analog Devices AD9280 Datasheet HTML 8Page - Analog Devices AD9280 Datasheet HTML 9Page - Analog Devices AD9280 Datasheet HTML 10Page - Analog Devices AD9280 Datasheet HTML 11Page - Analog Devices AD9280 Datasheet HTML 12Page - Analog Devices AD9280 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD9280
–8–
Table I. Mode Selection
Input
Input
MODE
REFSENSE
Modes
Connect
Span
Pin
Pin
REF
REFTS
REFBS
Figure
TOP/BOTTOM
AIN
1 V
AVDD
Short REFSENSE, REFTS and VREF Together
AGND
18
AIN
2 V
AVDD
AGND
Short REFTS and VREF Together
AGND
19
CENTER SPAN
AIN
1 V
AVDD/2
Short VREF and REFSENSE Together
AVDD/2
AVDD/2
20
AIN
2 V
AVDD/2
AGND
No Connect
AVDD/2
AVDD/2
Differential
AIN Is Input 1
1 V
AVDD/2
Short VREF and REFSENSE Together
AVDD/2
AVDD/2
29
REFTS and
REFBS Are
Shorted Together
for Input 2
2 V
AVDD/2
AGND
No Connect
AVDD/2
AVDD/2
External Ref
AIN
2 V max AVDD
AVDD
No Connect
Span = REFTS
21, 22
– REFBS (2 V max)
AGND
Short to
Short to
23
VREFTF
VREFBF
AD876-8
AIN
2 V
Float or
AVDD
No Connect
Short to
Short to
30
AVSS
VREFTF
VREFBF
0
–9
1.0E+6
1.0E+9
1.0E+7
1.0E+8
–3
–6
FREQUENCY – Hz
–12
–15
–18
–21
–24
Figure 13. Full Power Bandwidth
50
40
–50
0
3.0
1.0
2.0
30
20
–10
–20
–30
INPUT VOLTAGE – V
10
0
–40
2.5
0.5
1.5
REFBS = 0.5V
REFTS = 2.5V
CLOCK = 32MHz
Figure 14. Input Bias Current vs. Input Voltage
APPLYING THE AD9280
THEORY OF OPERATION
The AD9280 implements a pipelined multistage architecture to
achieve high sample rate with low power. The AD9280 distrib-
utes the conversion over several smaller A/D subblocks, refining
the conversion with progressively higher accuracy as it passes
the results from stage to stage. As a consequence of the distrib-
uted conversion, the AD9280 requires a small fraction of the
256 comparators used in a traditional flash type A/D. A sample-
and-hold function within each of the stages permits the first
stage to operate on a new input sample while the second, third
and fourth stages operate on the three preceding samples.
OPERATIONAL MODES
The AD9280 is designed to allow optimal performance in a
wide variety of imaging, communications and instrumentation
applications, including pin compatibility with the AD876-8 A/D.
To realize this flexibility, internal switches on the AD9280 are
used to reconfigure the circuit into different modes. These modes
are selected by appropriate pin strapping. There are three parts
of the circuit affected by this modality: the voltage reference, the
reference buffer, and the analog input. The nature of the appli-
cation will determine which mode is appropriate: the descrip-
tions in the following sections, as well as Table I should assist in
selecting the desired mode.
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com