Electronic Components Datasheet Search
  English  ▼

X  

AD9280 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9280
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9280 Datasheet HTML 17Page - Analog Devices AD9280 Datasheet HTML 18Page - Analog Devices AD9280 Datasheet HTML 19Page - Analog Devices AD9280 Datasheet HTML 20Page - Analog Devices AD9280 Datasheet HTML 21Page - Analog Devices AD9280 Datasheet HTML 22Page - Analog Devices AD9280 Datasheet HTML 23Page - Analog Devices AD9280 Datasheet HTML 24Page - Analog Devices AD9280 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
AD9280
–23–
GROUNDING AND LAYOUT RULES
As is the case for any high performance device, proper ground-
ing and layout techniques are essential in achieving optimal
performance. The analog and digital grounds on the AD9280
have been separated to optimize the management of return
currents in a system. Grounds should be connected near the
ADC. It is recommended that a printed circuit board (PCB) of
at least four layers, employing a ground plane and power planes,
be used with the AD9280. The use of ground and power planes
offers distinct advantages:
1. The minimization of the loop area encompassed by a signal
and its return path.
2. The minimization of the impedance associated with ground
and power paths.
3. The inherent distributed capacitor formed by the power plane,
PCB insulation and ground plane.
These characteristics result in both a reduction of electro-
magnetic interference (EMI) and an overall improvement in
performance.
It is important to design a layout that prevents noise from cou-
pling onto the input signal. Digital signals should not be run in
parallel with the input signal traces and should be routed away
from the input circuitry. Separate analog and digital grounds
should be joined together directly under the AD9280 in a solid
ground plane. The power and ground return currents must be
carefully managed. A general rule of thumb for mixed signal
layouts dictates that the return currents from digital circuitry
should not pass through critical analog circuitry.
DIGITAL OUTPUTS
Each of the on-chip buffers for the AD9280 output bits
(D0–D7) is powered from the DRVDD supply pins, separate
from AVDD. The output drivers are sized to handle a variety
of logic families while minimizing the amount of glitch energy
generated. In all cases, a fan-out of one is recommended to
keep the capacitive load on the output data bits below the speci-
fied 20 pF level.
For DRVDD = 5 V, the AD9280 output signal swing is com-
patible with both high speed CMOS and TTL logic families.
For TTL, the AD9280 on-chip, output drivers were designed to
support several of the high speed TTL families (F, AS, S). For
applications where the clock rate is below 32 MSPS, other TTL
families may be appropriate. For interfacing with lower voltage
CMOS logic, the AD9280 sustains 32 MSPS operation with
DRVDD = 3 V. In all cases, check your logic family data sheets
for compatibility with the AD9280 Digital Specification table.
THREE-STATE OUTPUTS
The digital outputs of the AD9280 can be placed in a high
impedance state by setting the THREE-STATE pin to HIGH.
This feature is provided to facilitate in-circuit testing or evaluation.
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com