Electronic Components Datasheet Search
  English  ▼

X  

AD9280 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9280
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9280 Datasheet HTML 8Page - Analog Devices AD9280 Datasheet HTML 9Page - Analog Devices AD9280 Datasheet HTML 10Page - Analog Devices AD9280 Datasheet HTML 11Page - Analog Devices AD9280 Datasheet HTML 12Page - Analog Devices AD9280 Datasheet HTML 13Page - Analog Devices AD9280 Datasheet HTML 14Page - Analog Devices AD9280 Datasheet HTML 15Page - Analog Devices AD9280 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD9280
–11–
The actual reference voltages used by the internal circuitry of
the AD9280 appear on REFTF and REFBF. For proper opera-
tion, it is necessary to add a capacitor network to decouple these
pins. The REFTF and REFBF should be decoupled for all
internal and external configurations as shown in Figure 17.
AD9280
REFTF
REFBF
0.1 F
0.1 F
10 F
0.1 F
Figure 17. Reference Decoupling Network
Note: REFTF = reference top, force
REFBF = reference bottom, force
REFTS = reference top, sense
REFBS = reference bottom, sense
INTERNAL REFERENCE OPERATION
Figures 18, 19 and 20 show sample connections of the AD9280
internal reference in its most common configurations. (Figures
18 and 19 illustrate top/bottom mode while Figure 20 illustrates
center span mode). Figure 29 shows how to connect the AD9280
for 1 V p-p differential operation. Shorting the VREF pin
directly to the REFSENSE pin places the internal reference
amplifier, A1, in unity-gain mode and the resultant reference
output is 1 V. In Figure 18 REFBS is grounded to give an input
range from 0 V to 1 V. These modes can be chosen when the
supply is either +3 V or +5 V. The VREF pin must be bypassed to
AVSS (analog ground) with a 1.0
µF tantalum capacitor in
parallel with a low inductance, low ESR, 0.1
µF ceramic capacitor.
1V
0V
MODE
AVDD
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9280
10k
REF
SENSE
VREF
1V
A2
SHA
A1
0.1 F
1.0 F
Figure 18. Internal Reference—1 V p-p Input Span
(Top/Bottom Mode)
Figure 19 shows the single-ended configuration for 2 V p-p
operation. REFSENSE is connected to GND, resulting in a 2 V
reference output.
2V
0V
MODE
AVDD
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9280
10k
REF
SENSE
VREF
A1
1V
SHA
A2
0.1 F
1.0 F
Figure 19. Internal Reference, 2 V p-p Input Span
(Top/Bottom Mode)
Figure 20 shows the single-ended configuration that gives the
good high frequency dynamic performance (SINAD, SFDR).
To optimize dynamic performance, center the common-mode
voltage of the analog input at approximately 1.5 V. Connect the
shorted REFTS and REFBS inputs to a low impedance 1.5 V
source. In this configuration, the MODE pin is driven to a volt-
age at midsupply (AVDD/2).
Maximum reference drive is 1 mA. An external buffer is re-
quired for heavier loads.
AVDD/2
+1.5V
2V
1V
MODE
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9280
10k
REF
SENSE
VREF
1V
SHA
A2
A1
0.1 F
1.0 F
Figure 20. Internal Reference 1 V p-p Input Span
(Center Span Mode)
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com