Electronic Components Datasheet Search
  English  ▼

X  

AD9280 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9280
Description  CMOS A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9280 Datasheet HTML 7Page - Analog Devices AD9280 Datasheet HTML 8Page - Analog Devices AD9280 Datasheet HTML 9Page - Analog Devices AD9280 Datasheet HTML 10Page - Analog Devices AD9280 Datasheet HTML 11Page - Analog Devices AD9280 Datasheet HTML 12Page - Analog Devices AD9280 Datasheet HTML 13Page - Analog Devices AD9280 Datasheet HTML 14Page - Analog Devices AD9280 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD9280
–10–
A2
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
+F/S RANGE
OBTAINED FROM
VREF PIN OR
EXTERNAL REF
–F/S RANGE
OBTAINED FROM
VREF PIN OR
EXTERNAL REF
0.1 F
MODE
(AVDD)
+FS
–FS
AD9280
10k
SHA
a. Top/Bottom Mode
V
MAXIMUM MAGNITUDE OF V
IS DETERMINED BY INTERNAL
REFERENCE AND TURNS RATIO
MODE
INTERNAL
REF
AVDD/2
10k
10k
10k
A/D
CORE
4.2k
TOTAL
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9280
10k
A2
REFTS
REFBS
AVDD/2
SHA
c. Differential Mode
A1
1V
AVSS
REFSENSE
VREF
(1V)
AD9280
0.1 F
1.0 F
d. 1 V Reference
A1
1V
AVSS
REFSENSE
VREF
(= 1 + RA/RB)
RA
RB
INTERNAL 10K REF RESISTORS ARE
SWITCHED OPEN BY THE PRESENSE
OF RA AND RB.
AD9280
0.1 F
1.0 F
f. Variable Reference
(Between 1 V and 2 V)
A1
10k
10k
1V
AVSS
REFSENSE
VREF
(2V)
AD9280
0.1 F
1.0 F
e. 2 V Reference
A1
1V
REFSENSE
AVDD
VREF
AD9280
g. Internal Reference Disable
(Power Reduction)
Figure 16.
MODE
INTERNAL
REF
MIDSCALE OFFSET
VOLTAGE IS DERIVED
FROM INTERNAL OR
EXTERNAL REF
MIDSCALE
V*
AVDD/2
* MAXIMUM MAGNITUDE OF V IS DETERMINED
BY INTERNAL REFERENCE
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9280
10k
A2
SHA
b. Center Span Mode
REV. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com