Electronic Components Datasheet Search
  English  ▼

X  

PCMT468 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCMT468
Description  Supplied loose in box and ammopack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468 Datasheet(HTML) 2 Page - World Produts Inc.

  PCMT468 Datasheet HTML 1Page - World Produts Inc. PCMT468 Datasheet HTML 2Page - World Produts Inc. PCMT468 Datasheet HTML 3Page - World Produts Inc. PCMT468 Datasheet HTML 4Page - World Produts Inc. PCMT468 Datasheet HTML 5Page - World Produts Inc. PCMT468 Datasheet HTML 6Page - World Produts Inc. PCMT468 Datasheet HTML 7Page - World Produts Inc. PCMT468 Datasheet HTML 8Page - World Produts Inc. PCMT468 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
84
Ordering Information
Available versions
Product (lmax)
12.5
18.0
26.0
31.0
Code
Packing
method
C-tol.
Lead length
& Height
Hole
to hole
( Po)
Pitch (P)
2
Loose in box
±
5%
lt = 5.0±1.0mm
-
10.0
15.0
22.5
27.5
3
Loose in box
±
10%
lt = 5.0±1.0mm
-
10.0
15.0
22.5
27.5
4
Loose in box
±
5%
lt = 25.0±2.0mm
-
10.0
15.0
22.5
27.5
5
Loose in box
±
10%
lt = 25.0±2.0mm
-
10.0
15.0
22.5
27.5
8
Ammo packing
±
5%
H = 18.5mm
12.7mm
10.0
15.0
22.5
27.5
9
Ammo packing
±
10%
H = 18.5mm
12.7mm
10.0
15.0
22.5
27.5
A
Ammo packing
±
5%
H0 = 16.0mm
15.0mm
7.5(*)
7.5(*)
-
-
B
Ammo packing
±
10%
H0 = 16.0mm
15.0mm
7.5(*)
7.5(*)
-
-
* Reduced pitch ( reduced lead spacings )
l
h
P0
H0
5.0 max
b
dt
l
P0
h
H
h
l
lt
P
Type series
PCMT 468 (X) X X
XXX
Code
Voltage
2
100V
4
250V
5
400V
6
630V
A
250V mini
8
400V mini
Q
630V mini
Capacitance
*Code
Original pitch
D
10.0mm
F
15.0mm
J
22.5mm
* In case of overlapping the value,
use the 13NC with pitch information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com