Electronic Components Datasheet Search
  English  ▼

X  

PCMT468 Datasheet(PDF) 12 Page - World Produts Inc.

Part # PCMT468
Description  Supplied loose in box and ammopack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468 Datasheet(HTML) 12 Page - World Produts Inc.

Back Button PCMT468 Datasheet HTML 5Page - World Produts Inc. PCMT468 Datasheet HTML 6Page - World Produts Inc. PCMT468 Datasheet HTML 7Page - World Produts Inc. PCMT468 Datasheet HTML 8Page - World Produts Inc. PCMT468 Datasheet HTML 9Page - World Produts Inc. PCMT468 Datasheet HTML 10Page - World Produts Inc. PCMT468 Datasheet HTML 11Page - World Produts Inc. PCMT468 Datasheet HTML 12Page - World Produts Inc. PCMT468 Datasheet HTML 13Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
94
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains application as across-the-line capacitors without
additional protection.
To select the capacitor for a certain application, the following conditions must be checked :
1. The peak voltage (Vp) shall not be greater than the rated DC voltage (VRdc).
2. The peak-to-peak voltage (Vp-p) shall not be greater than the maximum Vp-p to avoid
the ionization inception level.
3. The voltage pulse slope (dV/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at
rated voltage and without ringing. If the pulse voltage is lower than the rated DC voltage,
the rated voltage pulse slope may be multiplied by VRdc and divided by the applied voltage.
For all other pulses following equation must be fulfilled :
2 × ⌡
⌠
0
T
dU
dt × dt < URdc ×
dU
dt rated
T is the pulse duration.
4. The maximum component surface temperature rise must be lower than the limits.
Voltage conditions for aboves.
ALLOWED VOLTAGES
Tamb < 85℃
85℃ < Tamb < 105℃
Maximum continuous RMS voltage
VRac
0.7 x VRac
Maximum temporary RMS over voltage (<24 hrs)
1.25 x VRac
0.875 x VRac
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com