Electronic Components Datasheet Search
  English  ▼

X  

PCMT468 Datasheet(PDF) 11 Page - World Produts Inc.

Part # PCMT468
Description  Supplied loose in box and ammopack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468 Datasheet(HTML) 11 Page - World Produts Inc.

Back Button PCMT468 Datasheet HTML 5Page - World Produts Inc. PCMT468 Datasheet HTML 6Page - World Produts Inc. PCMT468 Datasheet HTML 7Page - World Produts Inc. PCMT468 Datasheet HTML 8Page - World Produts Inc. PCMT468 Datasheet HTML 9Page - World Produts Inc. PCMT468 Datasheet HTML 10Page - World Produts Inc. PCMT468 Datasheet HTML 11Page - World Produts Inc. PCMT468 Datasheet HTML 12Page - World Produts Inc. PCMT468 Datasheet HTML 13Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
93
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
AC voltage (RMS value) as a function of frequency at Tamb≤85℃ for URdc=630V
10
3
f(Hz)
10
4
10
5
10
1
10
0
AC
voltage
(V)
10
3
10
6
10
1
10
2
10
2
10㎋
100㎋
820㎋
AC voltage (RMS value) as a function of frequency at Tamb≤85℃ for URdc=400V
10
3
f(Hz)
10
4
10
5
10
1
10
0
AC
voltage
(V)
10
3
10
6
10
1
10
2
10
2
100㎋
470㎋
2.2㎌
10
3
f(Hz)
10
4
10
5
10
2
10
0
AC
voltage
(V)
10
2
10
6
10
1
AC voltage (RMS value) as a function of frequency at Tamb≤85℃ for URdc=100V
1.0㎌
2.2㎌
10㎌
AC voltage (RMS value) as a function of frequency at Tamb≤85℃ for URdc=250V
10
3
f(Hz)
10
4
10
5
10
1
10
0
AC
voltage
(V)
10
3
10
6
10
1
10
2
10
2
220㎋
2.2㎌
5.6㎌



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com