Electronic Components Datasheet Search
  English  ▼

X  

PCMT468 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCMT468
Description  Supplied loose in box and ammopack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMT468 Datasheet(HTML) 4 Page - World Produts Inc.

  PCMT468 Datasheet HTML 1Page - World Produts Inc. PCMT468 Datasheet HTML 2Page - World Produts Inc. PCMT468 Datasheet HTML 3Page - World Produts Inc. PCMT468 Datasheet HTML 4Page - World Produts Inc. PCMT468 Datasheet HTML 5Page - World Produts Inc. PCMT468 Datasheet HTML 6Page - World Produts Inc. PCMT468 Datasheet HTML 7Page - World Produts Inc. PCMT468 Datasheet HTML 8Page - World Produts Inc. PCMT468 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pilkor components
Metallized Polyester
PCMT 468
film capacitors
86
VRdc = 100V
VRac = 63V
~
CATALOGUE NUMBER
PCMT 468 .....
loose in box
lt = 5 ± 1 mm
Cap.
(㎌)
b x h x l
(mm)
Mass
(g)
C-tol. ± 5 %
C-tol. ± 10 %
Pitch = 10.0 ± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.22
0.27
0.33
4.0 x 10.0 x 12.5
0.8
PCMT 468 22224
PCMT 468 22274
PCMT 468 22334
PCMT 468 23224
PCMT 468 23274
PCMT 468 23334
0.39
0.47
5.0 x 11.0 x 12.5
0.9
PCMT 468 22394
PCMT 468 22474
PCMT 468 23394
PCMT 468 23474
0.56
0.68
0.82
1.0
6.0 x 12.0 x 12.5
1.0
PCMT 468 22564
PCMT 468 22684
PCMT 468D22824
PCMT 468D22105
PCMT 468 23564
PCMT 468 23684
PCMT 468D23824
PCMT 468D23105
1.2
1.5
5.0 x 11.0 x 12.5
0.9
PCMT 468D22125
PCMT 468D22155
PCMT 468D23125
PCMT 468D23155
1.8
2.2
6.0 x 12.0 x 12.5
1.0
PCMT 468D22185
PCMT 468D22225
PCMT 468D23185
PCMT 468D23225
Pitch = 15.0 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.82
5.0 x 11.0 x 18.0
1.2
PCMT 468 22824
PCMT 468 23824
1.0
1.2
6.0 x 12.0 x 18.0
1.4
PCMT 468 22105
PCMT 468 22125
PCMT 468 23105
PCMT 468 23125
1.5
7.0 x 13.5 x 18.0
1.9
PCMT 468 22155
PCMT 468 23155
1.8
2.2
8.5 x 15.0 x 18.0
2.6
PCMT 468 22185
PCMT 468 22225
PCMT 468 23185
PCMT 468 23225
2.7
10.0 x 16.5 x 18.0
3.1
PCMT 468F22275
PCMT 468F23275
3.3
11.0 x 18.5 x 18.0
4.1
PCMT 468F22335
PCMT 468F23335
Pitch = 22.5 ± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
2.7
7.0 x 16.5 x 26.0
3.2
PCMT 468 22275
PCMT 468 23275
3.3
3.9
4.7
8.5 x 18.0 x 26.0
4.4
PCMT 468 22335
PCMT 468 22395
PCMT 468 22475
PCMT 468 23335
PCMT 468 23395
PCMT 468 23475
5.6
6.8
10.0 x 19.5 x 26.0
5.5
PCMT 468 22565
PCMT 468 22685
PCMT 468 23565
PCMT 468 23685



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com