Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  DisplayPort 8.1 Gbps Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 3 Page - Texas Instruments

  TDP142 Datasheet HTML 1Page - Texas Instruments TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
12
11
10
9
8
7
25
28
26
27
36
35
34
33
32
31
30
29
37
38
39
40
OUTDP1p
OUTDP3p
INDP1p
INDP0p
OUTDP0p
INDP2p
INDP2n
OUTDP1n
INDP1n
INDP0n
OUTDP3n
OUTDP0n
INDP3p
INDP3n
HPDIN/RSVD9
OUTDP2p
OUTDP2n
RSVD11
RSVD10
I2C_EN
SNOOPENZ/RSVD8
DPEQ0/A1
VCC
A0
Thermal Pad
GND
3
TDP142
www.ti.com
SLLSEZ1A – SEPTEMBER 2017 – REVISED OCTOBER 2017
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Leave unconnected on PCB.
5 Pin Configuration and Functions
RNQ Package
40-Pin (WQFN)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VCC
1, 6, 20, 28
P
3.3-V Power Supply.
DPEQ1
2
4 Level I
DisplayPort Receiver EQ control. This along with DPEQ0 will select the DisplayPort receiver
equalization gain. Refer to Table 2 for equalization settings.
RSVD1
3
I
Reserved.(1)
RSVD2
4
O
Reserved.(1)
RSVD3
5
O
Reserved.(1)
RSVD4
7
I
Reserved.(1)
RSVD5
8
I
Reserved.(1)
INDP0p
9
I
DP Differential positive input for DisplayPort Lane 0.
INDP0n
10
I
DP Differential negative input for DisplayPort Lane 0.
A0
11
4 Level I
When I2C_EN = 0, leave the pin unconnected. When I2C_EN is not ‘0’, this pin will also set the
TDP142 I2C address. See Table 4.
INDP1p
12
Diff I
DP Differential positive input for DisplayPort Lane 1.
INDP1n
13
Diff I
DP Differential negative input for DisplayPort Lane 1.
DPEQ0/A1
14
4 Level I
DisplayPort Receiver EQ control. This along with DPEQ1 will select the DisplayPort receiver
equalization gain. Refer to Table 2 for equalization settings. When I2C_EN is not ‘0’, this pin will
also set the TDP142 I2C address. See Table 4.
INDP2p
15
Diff I
DP Differential positive input for DisplayPort Lane 2.
INDP2n
16
Diff I
DP Differential negative input for DisplayPort Lane 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com