Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  DisplayPort 8.1 Gbps Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments TDP142 Datasheet HTML 12Page - Texas Instruments TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
12
TDP142
SLLSEZ1A – SEPTEMBER 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 DisplayPort
The TDP142 supports up to 4 DisplayPort lanes at data rates up to 8.1Gbps (HBR3). The TDP142 monitors the
native AUX traffic as it traverses between DisplayPort source and DisplayPort sink. For the purposes of reducing
power, the TDP142 manages the number of active DisplayPort lanes based on the content of the AUX
transactions. The TDP142 snoops native AUX writes to DisplayPort sink’s DPCD registers 0x00101
(LANE_COUNT_SET) and 0x00600 (SET_POWER_STATE). TDP142 disables/enables lanes based on value
written to LANE_COUNT_SET. The TDP142 disables all lanes when SET_POWER_STATE is in the D3.
Otherwise active lanes will be based on value of LANE_COUNT_SET.
DisplayPort AUX snooping is enabled by default but can be disabled by changing the AUX_SNOOP_DISABLE
register. Once AUX snoop is disabled, management of TDP142 DisplayPort lanes are controlled through various
configuration registers. When TDP142 is enabled for GPIO mode (I2C_EN = "0"), the SNOOPENZ pin can be
used to disable AUX snooping. When SNOOPENZ pin is high, the AUX snooping functionality is disabled and all
four DisplayPort lanes will be active.
8.3.2 4-level Inputs
The TDP142 has (I2C_EN, A0, and DPEQ[1:0]) 4-level inputs pins that are used to control the equalization gain
and place TDP142 into different modes of operation. These 4-level inputs utilize a resistor divider to help set the
4 valid levels and provide a wider range of control settings. There are internal pull-up and pull-down and combine
with the external resistor connection to achieve the desired voltage level.
Table 1. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Option 1: Tie 1 k
Ω 5% to GND.
Option 2: Tie directly to GND.
R
Tie 20 k
Ω 5% to GND.
F
Float (leave pin open)
1
Option 1: Tie 1 k
Ω 5% to VCC.
Option 2: Tie directly to VCC.
spacer
NOTE
All four-level inputs are latched on rising edge of internal reset. After tcfg_hd, the internal
pull-up and pull-down resistors will be isolated in order to save power.
8.3.3 Receiver Linear Equalization
The purpose of receiver equalization is to compensate for channel insertion loss and inter-symbol interference in
the system before the input of the TDP142. The receiver overcomes these losses by attenuating the low
frequency components of the signals with respect to the high frequency components. The proper gain setting
should be selected to match the channel insertion loss before the input of the TDP142 receivers. Two 4-level
inputs pins enable up to 16 possible equalization settings. The TDP142 also provides the flexibility of adjusting
settings through I2C registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com