Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  DisplayPort 8.1 Gbps Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 4 Page - Texas Instruments

  TDP142 Datasheet HTML 1Page - Texas Instruments TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
TDP142
SLLSEZ1A – SEPTEMBER 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
I2C_EN
17
4 Level I
I2C Programming Mode or GPIO Programming Select. I2C is only disabled when this pin is ‘0".
0 = GPIO mode (I2C disabled).
R = TI Test Mode (I2C enabled at 3.3 V).
F = I2C enabled at 1.8 V.
1 = I2C enabled at 3.3 V.
INDP3p
18
Diff I
DP Differential positive input for DisplayPort Lane 3.
INDP3n
19
Diff I
DP Differential negative input for DisplayPort Lane 3.
TEST1/SCL
21
2 Level I
When I2C_EN=’0’, pull down with 10k or directly connect to ground. Otherwise this pin is I2C
clock. . When used for I2C clock pullup to I2C master's VCC I2C supply.
TEST2/SDA
22
2 Level I
When I2C_EN=’0’ , pull down with 10k or directly connect to ground. Otherwise this pin is I2C data.
When used for I2C data pullup to I2C master's VCC I2C supply.
DPEN/HPDIN
23
2 Level I
(Failsafe)
(PD)
DP Enable Pin. When I2C_EN = ‘0’, this pin will enable or disable DisplayPort functionality.
Otherwise, when I2C_EN is not "0", DisplayPort functionality is enabled and disabled through I2C
registers.
L = DisplayPort Disabled. (Pull-down with 10k resistor)
H = DisplayPort Enabled. (Pull-up with10k resistor)
When I2C_EN is not "0" this pin is an input for Hot Plug Detect (HPD) received from DisplayPort
sink. When this HPDIN is low for greater than 2 ms, all DisplayPort lanes are disabled.
AUXp
24
I/O, CMOS
This pin along with AUXN is used by the TDP142 for AUX snooping. See the Application and
Implementation section for more detail.
AUXn
25
I/O, CMOS
This pin along with AUXP is used by the TDP142 for AUX snooping. See the Application and
Implementation section for more detail.
RSVD6
26
I/O, CMOS
Reserved.(1)
RSVD7
27
I/O, CMOS
Reserved.(1)
SNOOPENZ/RSVD8
29
I/O
(PD)
When I2C_EN ! = 0, this pin is reserved. When I2C_EN = 0 , this pin is SNOOPENZ (L = AUX
snoop enabled and H = AUX snoop disabled with all lanes active).
OUTDP3p
30
Diff O
DP Differential positive output for DisplayPort Lane 3.
OUTDP3n
31
Diff O
DP Differential negative output for DisplayPort Lane 3.
HPDIN/RSVD9
32
I/O
(PD)
When I2C_EN ! = 0, this pin is reserved. When I2C_EN = 0, this pin is an input for Hot Plug Detect
received from DisplayPort sink. When HPDIN is low for greater than 2ms, all DisplayPort lanes are
disabled.
OUTDP2p
33
Diff O
DP Differential positive output for DisplayPort Lane 2.
OUTDP2n
34
Diff O
DP Differential negative output for DisplayPort Lane 2.
RSVD10
35
I
Reserved.(1)
OUTDP1n
36
Diff O
DP Differential negative output for DisplayPort Lane 1.
OUTDP1p
37
Diff O
DP Differential positive output for DisplayPort Lane 1.
RSVD11
38
I
Reserved.(1)
OUTDP0n
39
Diff O
DP Differential negative output for DisplayPort Lane 0.
OUTDP0p
40
Diff O
DP Differential positive output for DisplayPort Lane 0.
GND
Thermal Pad
G
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com