Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  DisplayPort 8.1 Gbps Linear Redriver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments TDP142 Datasheet HTML 12Page - Texas Instruments TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
INDP0p
INDP0n
INDP3p
INDP3n
I2C_EN
A0
TEST2/SDA
TEST1/SCL
VCC
AUXp
AUXn
OUTDP3n
OUTDP3p
SNOOPENZ/RSVD8
OUTDP2n
OUTDP2p
HPDIN/RSVD9
EQ
EQ
EQ
EQ
Driver
Driver
VREG
Control Logic and Registers
DPEQ_SEL
DPEQ_SEL
INDP1p
INDP1n
INDP2p
INDP2n
DPEN/HPDIN
Copyright © 2017, Texas Instruments Incorporated
DPEQ_SEL
DPEQ_SEL
DPEQ_SEL
OUTDP0p
OUTDP0n
Driver
OUTDP1p
OUTDP1n
Driver
DPEQ0/A1
DPEQ1
I2C
Slave
AUX
Snooping
11
TDP142
www.ti.com
SLLSEZ1A – SEPTEMBER 2017 – REVISED OCTOBER 2017
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TDP142 is a DisplayPortTM linear re-driver that supports up to 8.1 Gbps for each lane. Additionally, its
transparency to the DP link training makes TDP142 a position independent device, suitable for source/sink or
cable application.
The TDP142 helps the system to pass compliance of both transmitter and receiver for DisplayPort version 1.4
HBR3. The re-driver recovers incoming data by applying equalization that compensates for channel loss, and
drives out signals with a high differential voltage. Each channel has a receiver equalizer with selectable gain
settings. The equalization should be set based on the amount of insertion loss before the TDP142 receivers. The
equalization control can be controlled by DPEQ[1:0] pins or I2C registers.
The device ultra-low-power architecture operates at a 3.3-V power supply and achieves enhanced performance.
Also, it comes in a commercial temperature range and industrial temperature range.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com