Electronic Components Datasheet Search
  English  ▼

X  

AC08FSM Datasheet(PDF) 125 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 125 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 121Page - Teccor Electronics AC08FSM Datasheet HTML 122Page - Teccor Electronics AC08FSM Datasheet HTML 123Page - Teccor Electronics AC08FSM Datasheet HTML 124Page - Teccor Electronics AC08FSM Datasheet HTML 125Page - Teccor Electronics AC08FSM Datasheet HTML 126Page - Teccor Electronics AC08FSM Datasheet HTML 127Page - Teccor Electronics AC08FSM Datasheet HTML 128Page - Teccor Electronics AC08FSM Datasheet HTML 129Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 223 page
background image
Application Notes
AN1001
©2002 Teccor Electronics
AN1001 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
When voltage is impressed suddenly across a PN junction, a
charging current flows, equal to:
When
becomes greater or equal to thyristor IGT,
the thyristor switches on. Normally, this type of turn-on does not
damage the device, providing the surge current is limited.
Generally, thyristor application circuits are designed with static
dv/dt snubber networks if fast-rising voltages are anticipated.
Voltage Breakover Turn-on
This method is used to switch on sidacs and diacs. However,
exceeding voltage breakover of SCRs and triacs is definitely not
recommended as a turn-on method.
In the case of SCRs and triacs, leakage current increases until it
exceeds the gate current required to turn on these gated thyris-
tors in a small localized point. When turn-on occurs by this
method, localized heating in a small area may melt the silicon or
damage the device if di/dt of the increasing current is not suffi-
ciently limited.
Diacs used in typical phase control circuits are basically pro-
tected against excessive current at breakover as long as the fir-
ing capacitor is not excessively large. When diacs are used in a
zener function, current limiting is necessary.
Sidacs are typically pulse-firing, high-voltage transformers and
are current limited by the transformer primary. The sidac should
be operated so peak current amplitude, current duration, and
di/dt limits are not exceeded.
Triac Gating Modes Of Operation
Triacs can be gated in four basic gating modes as shown in
Figure AN1001.17.
Figure AN1001.17
Gating Modes
The most common quadrants for triac gating-on are Quadrants I
and III, where the gate supply is synchronized with the main ter-
minal supply (gate positive — MT2 positive, gate negative —
MT2 negative). Gate sensitivity of triacs is most optimum in
Quadrants I and III due to the inherent thyristor chip construction.
If Quadrants I and III cannot be used, the next best operating
modes are Quadrants II and III where the gate has a negative
polarity supply with an AC main terminal supply. Typically, Quad-
rant II is approximately equal in gate sensitivity to Quadrant I;
however, latching current sensitivity in Quadrant II is lowest.
Therefore, it is difficult for triacs to latch on in Quadrant II when
the main terminal current supply is very low in value.
Special consideration should be given to gating circuit design
when Quadrants I and IV are used in actual application, because
Quadrant IV has the lowest gate sensitivity of all four operating
quadrants.
General Terminology
The following definitions of the most widely-used thyristor terms,
symbols, and definitions conform to existing EIA-JEDEC stan-
dards:
Breakover Point – Any point on the principal voltage-current
characteristic for which the differential resistance is zero and
where the principal voltage reaches a maximum value
Principal Current – Generic term for the current through the col-
lector junction (the current through main terminal 1 and main ter-
minal 2 of a triac or anode and cathode of an SCR)
Principal Voltage – Voltage between the main terminals:
(1) In the case of reverse blocking thyristors, the principal volt-
age is called positive when the anode potential is higher than
the cathode potential and negative when the anode potential
is lower than the cathode potential.
(2) For bidirectional thyristors, the principal voltage is called
positive when the potential of main terminal 2 is higher than
the potential of main terminal 1.
Off State – Condition of the thyristor corresponding to the high-
resistance, low-current portion of the principal voltage-current
characteristic between the origin and the breakover point(s) in
the switching quadrant(s)
On State – Condition of the thyristor corresponding to the low-
resistance, low-voltage portion of the principal voltage-current
characteristic in the switching quadrant(s).
Specific Terminology
Average Gate Power Dissipation [PG(AV)] – Value of gate power
which may be dissipated between the gate and main terminal 1
(or cathode) averaged over a full cycle
Breakover Current (IBO) – Principal current at the breakover
point
Breakover Voltage (VBO) – Principal voltage at the breakover
point
Circuit-commutated Turn-off Time (tq) – Time interval between
the instant when the principal current has decreased to zero after
external switching of the principal voltage circuit and the instant
when the thyristor is capable of supporting a specified principal
voltage without turning on
Critical Rate-of-rise of Commutation Voltage of a Triac
(Commutating dv/dt) – Minimum value of the rate-of-rise of prin-
cipal voltage which will cause switching from the off state to the
on state immediately following on-state current conduction in the
opposite quadrant
iC
dv
dt
------
èø
æö
=
C
dv
dt
------
èø
æö
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
NOTE: Alternistors will not operate in Q IV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com