Electronic Components Datasheet Search
  English  ▼

X  

AC08FSM Datasheet(PDF) 126 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 126 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 122Page - Teccor Electronics AC08FSM Datasheet HTML 123Page - Teccor Electronics AC08FSM Datasheet HTML 124Page - Teccor Electronics AC08FSM Datasheet HTML 125Page - Teccor Electronics AC08FSM Datasheet HTML 126Page - Teccor Electronics AC08FSM Datasheet HTML 127Page - Teccor Electronics AC08FSM Datasheet HTML 128Page - Teccor Electronics AC08FSM Datasheet HTML 129Page - Teccor Electronics AC08FSM Datasheet HTML 130Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 223 page
background image
AN1001
Application Notes
http://www.teccor.com
AN1001 - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Critical Rate-of-rise of Off-state Voltage or Static dv/dt
(dv/dt) – Minimum value of the rate-of-rise of principal voltage
which will cause switching from the off state to the on state
Critical Rate-of-rise of On-state Current (di/dt) – Maximum
value of the rate-of-rise of on-state current that a thyristor can
withstand without harmful effect
Gate-controlled Turn-on Time (tgt) – Time interval between a
specified point at the beginning of the gate pulse and the instant
when the principal voltage (current) has dropped to a specified
low value (or risen to a specified high value) during switching of a
thyristor from off state to the on state by a gate pulse.
Gate Trigger Current (IGT) – Minimum gate current required to
maintain the thyristor in the on state
Gate Trigger Voltage (VGT) – Gate voltage required to produce
the gate trigger current
Holding Current (IH) – Minimum principal current required to
maintain the thyristor in the on state
Latching Current (IL) – Minimum principal current required to
maintain the thyristor in the on state immediately after the switch-
ing from off state to on state has occurred and the triggering sig-
nal has been removed
On-state Current (IT) – Principal current when the thyristor is in
the on state
On-state Voltage (VT) – Principal voltage when the thyristor is in
the on state
Peak Gate Power Dissipation (PGM) – Maximum power which
may be dissipated between the gate and main terminal 1 (or
cathode) for a specified time duration
Repetitive Peak Off-state Current (IDRM) – Maximum instanta-
neous value of the off-state current that results from the applica-
tion of repetitive peak off-state voltage
Repetitive Peak Off-state Voltage (VDRM) – Maximum instanta-
neous value of the off-state voltage which occurs across a thyris-
tor, including all repetitive transient voltages and excluding all
non-repetitive transient voltages
Repetitive Peak Reverse Current of an SCR (IRRM) – Maximum
instantaneous value of the reverse current resulting from the
application of repetitive peak reverse voltage
Repetitive Peak Reverse Voltage of an SCR (VRRM) – Maximum
instantaneous value of the reverse voltage which occurs across
the thyristor, including all repetitive transient voltages and exclud-
ing all non-repetitive transient voltages
Surge (Non-repetitive) On-state Current (ITSM) – On-state cur-
rent of short-time duration and specified waveshape
Thermal Resistance, Junction to Ambient (RθJA) – Temperature
difference between the thyristor junction and ambient divided by
the power dissipation causing the temperature difference under
conditions of thermal equilibrium
Note: Ambient is the point at which temperature does not change
as the result of dissipation.
Thermal Resistance, Junction to Case (RθJC) – Temperature dif-
ference between the thyristor junction and the thyristor case
divided by the power dissipation causing the temperature differ-
ence under conditions of thermal equilibrium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com