Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 163 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 163 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 159Page - Teccor Electronics AC10FSM Datasheet HTML 160Page - Teccor Electronics AC10FSM Datasheet HTML 161Page - Teccor Electronics AC10FSM Datasheet HTML 162Page - Teccor Electronics AC10FSM Datasheet HTML 163Page - Teccor Electronics AC10FSM Datasheet HTML 164Page - Teccor Electronics AC10FSM Datasheet HTML 165Page - Teccor Electronics AC10FSM Datasheet HTML 166Page - Teccor Electronics AC10FSM Datasheet HTML 167Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 223 page
background image
Application Notes
AN1006
©2002 Teccor Electronics
AN1006 - 11
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
3. Repeat Procedure 16. (Figure AN1006.17)
Figure AN1006.17 VGT in Quadrant III = 820 mV
Procedure 19: VGT – Quadrant IV [MT2 (-) Gate (+)]
To measure the VGT – Quadrant IV parameter:
1. Set Polarity to (–).
2. Set Step/Offset Polarity by depressing Invert (release but-
ton on 577).
3. Set observed dot to top left corner of CRT grid by turning the
Horizontal position knob. When testing is complete in Quad-
rant IV, return dot to original position.
4. Repeat Procedure 16.
Quadracs
Quadracs are simply triacs with an internally-mounted diac. As
with triacs, Quadracs are bidirectional AC switches which are
gate controlled for either polarity of main terminal voltage.
To connect the Quadrac:
1. Connect Trigger to Base Terminal (B).
2. Connect MT1 to Emitter Terminal (E).
3. Connect MT2 to Collector Terminal (C).
To begin testing, perform the following procedures.
Procedure 1: (+)VDRM, (+)IDRM, (-)VDRM, (-)IDRM
Note: The (+) and (-) symbols are used to designate the polarity
of MT2 with reference to MT1.
To measure the (+)VDRM, (+)IDRM, (-)VDRM, and (-)IDRM parameter:
1. Set Variable Collector Supply Voltage Range to appropri-
ate Max Peak Volts for device under test. (Value selected
should be equal to or greater than the device’s VDRM rating).
2. Set Horizontal knob to sufficient scale to allow viewing of
trace at the required voltage level. (The 100 V/DIV scale
should be used for testing devices having a VDRM rating of
600 V or greater; the 50 V/DIV scale for testing parts rated
from 300 V to 500 V, and so on).
3. Set Mode to Leakage.
4. Set Polarity to (+).
5. Set Power Dissipation to 0.5 W. (0.4 W on 370)
6. Set Terminal Selector to Emitter Grounded-Open Base.
7. Set Vertical knob to ten times the maximum leakage current
(IDRM) specified for the device.
Note: The CRT readout should show 1% of the maximum
leakage current. The vertical scale is divided by 1,000 when
the leakage mode is used.
Procedure 2: (+)VDRM and (+)IDRM
To measure the (+)VDRM and (+)IDRM parameter:
1. Set Left-Right Terminal Jack Selector to correspond with
the location of the test fixture.
2. Increase Variable Collector Supply Voltage to the rated
VDRM of the device and observe the dot on the CRT. (Read
across horizontally from the dot to the vertical current scale.)
This measured value is the leakage current.
(Figure AN1006.18)
WARNING: Do NOT exceed VDRM/VRRM rating of SCRs, triacs,
or Quadracs. These devices can be damaged.
Figure AN1006.18 (+)IDRM = 51 nA at (+)VDRM = 400 V
Procedure 3: (-)VDRM and (-)IDRM
To measure the (-)VDRM and (-)IDRM parameter:
1. Set Polarity to (–).
2. Repeat Procedures 1 and 2. (Read measurements from
upper right corner of screen).
Procedure 4: VBO, IBO, ∆VBO
(Quadrac Trigger Diac or Discrete Diac)
To connect the Quadrac:
1. Connect MT1 to Emitter Terminal (E).
2. Connect MT2 to Collector Terminal (C).
3. Connect Trigger Terminal to MT2 Terminal through a 10
Ω
resistor.
To measure the VBO, IBO, and ∆VBO parameter:
1. Set Variable Collector Supply Voltage Range to 75 Max
Peak Volts.(80 V on 370)
2. Set Horizontal knob to 10 V/DIV.
3. Set Vertical knob to 50 µA/DIV.
4. Set Polarity to AC.
5. Set Mode to Norm.
6. Set Power Dissipation to 0.5 W. (0.4 W on 370)
50
mA
100m
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
500
mV
VGT
50
nA
50
V
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
VDRM
IDRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com