Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 165 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 165 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 161Page - Teccor Electronics AC10FSM Datasheet HTML 162Page - Teccor Electronics AC10FSM Datasheet HTML 163Page - Teccor Electronics AC10FSM Datasheet HTML 164Page - Teccor Electronics AC10FSM Datasheet HTML 165Page - Teccor Electronics AC10FSM Datasheet HTML 166Page - Teccor Electronics AC10FSM Datasheet HTML 167Page - Teccor Electronics AC10FSM Datasheet HTML 168Page - Teccor Electronics AC10FSM Datasheet HTML 169Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 223 page
background image
Application Notes
AN1006
©2002 Teccor Electronics
AN1006 - 13
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Procedure 11: IH(Forward and Reverse)
For these steps, it is again necessary to connect the Trigger to
MT2 through a 10
Ω resistor. The other connections remain the
same.
To measure the IH (Forward and Reverse) parameter:
1. Set Power Dissipation to 50 W.
2. Set Max Peak Volts to 75 V. (80 V on 370)
3. Set Mode to DC.
4. Set Horizontal knob to 5 V/DIV.
5. Set Vertical knob to approximately 10% of the maximum IH
specified.
Note: Due to large variations of holding current values, the
scale may have to be adjusted to observe holding current.
6. Set Terminal Selector to Emitter Grounded-Open Base.
Procedure 12: IH(Forward)
To measure the IH (Forward) parameter:
1. Set Polarity to (+).
2. Set Left-Right Terminal Jack Selector to correspond with
the location of the test fixture.
3. Increase Variable Collector Supply Voltage to maximum
position (100).
Note: Depending on the vertical scale being used, the dot
may disappear completely from the screen.
4. Decrease Variable Collector Supply Voltage to the point
where the line on the CRT changes to a dot. The position of
the beginning point of the line, just before the line changes to
a dot, represents the IH value. (Figure AN1006.21)
Figure AN1006.21 IH (Forward) = 18 mA
Procedure 13: IH(Reverse)
To measure the IH (Reverse) parameter:
1. Set Polarity to (–).
2. Continue testing per Procedure 12 for measuring IH (Reverse).
Sidacs
The sidac is a bidirectional voltage-triggered switch. Upon appli-
cation of a voltage exceeding the sidac breakover voltage point,
the sidac switches on through a negative resistance region (simi-
lar to a diac) to a low on-state voltage. Conduction continues until
current is interrupted or drops below minimum required holding
current.
To connect the sidac:
1. Connect MT1 to the Emitter Terminal (E).
2. Connect MT2 to the Collector Terminal (C).
To begin testing, perform the following procedures.
Procedure 1: (+) VDRM, (+)IDRM, (-)VDRM, (-)IDRM
Note: The (+) and (-) symbols are used to designate the polarity
of MT2 with reference to MT1.
To measure the (+)VDRM, (+)IDRM, (-)VDRM, and (-)IDRM parameter:
1. Set Variable Collector Supply Voltage Range to 1500 Max
Peak Volts.
2. Set Horizontal knob to 50 V/DIV.
3. Set Mode to Leakage.
4. Set Polarity to (+).
5. Set Power Dissipation to 2.2 W. (2W on 370)
6. Set Terminal Selector to Emitter Grounded-Open Base.
7. Set Vertical knob to 50 µA/DIV. (Due to leakage mode, the
CRT readout will show 50 nA.)
Procedure 2: (+)VDRM and (+)IDRM
To measure the (+)VDRM and (+)IDRM parameter:
1. Set Left-Right Terminal Jack Selector to correspond with
the location of the test fixture.
2. Increase Variable Collector Supply Voltage to the rated
VDRM of the device and observe the dot on the CRT. Read
across horizontally from the dot to the vertical current scale.
This measured value is the leakage current.
(Figure AN1006.22)
Figure AN1006.22 IDRM = 50 nA at VDRM = 90 V
5
mA
5
V
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
IH
50
nA
50
V
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
VDRM
IDRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com