Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 183 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 183 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 179Page - Teccor Electronics AC10FSM Datasheet HTML 180Page - Teccor Electronics AC10FSM Datasheet HTML 181Page - Teccor Electronics AC10FSM Datasheet HTML 182Page - Teccor Electronics AC10FSM Datasheet HTML 183Page - Teccor Electronics AC10FSM Datasheet HTML 184Page - Teccor Electronics AC10FSM Datasheet HTML 185Page - Teccor Electronics AC10FSM Datasheet HTML 186Page - Teccor Electronics AC10FSM Datasheet HTML 187Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 223 page
background image
Application Notes
AN1008
©2002 Teccor Electronics
AN1008 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure AN1008.9
Typical Triac Latching (IL) Requirements for Four
Quadrants versus Gate Current (IGT)
IH: Holding Current — SCR and Triac
The holding current is the DC principal on-state current below
which the device will not stay in regeneration/on state after latch-
ing and gate signal is removed. This current is equal to or lower
in value than the latching current (Figure AN1008.1 and Figure
AN1008.2) and is related to and has the same temperature
dependence as the DC gate trigger current shown in Figure
AN1008.10. Both minimum and maximum holding current may be
important. If the device is to stay in conduction at low-anode cur-
rents, the maximum holding current of a device for a given circuit
must be considered. The minimum holding current of a device
must be considered if the device is expected to turn off at a low
DC anode current. Note that the low DC principal current condi-
tion is a DC turn-off mode, and that an initial on-state current
(latching current) is required to ensure that the thyristor has been
fully turned on prior to a holding current measurement.
Figure AN1008.10
Normalized DC Holding Current versus
Case Temperature
dv/dt, Static: Critical Rate-of-rise of Off-state Voltage —
SCR and Triac
Static dv/dt is the minimum rate-of-rise of off-state voltage that
a device will hold off, with gate open, without turning on.
Figure AN1008.11 illustrates the exponential definition. This
value will be reduced by a positive gate signal. This charac-
teristic is temperature-dependent and is lowest at the maxi-
mum-rated junction temperature. Therefore, the characteristic
is determined at rated junction temperature and at rated
forward off-state voltage which is also a worst-case situation.
Line or other transients which might be applied to the thyristor
in the off state must be reduced, so that neither the rate-of-
rise nor the peak voltage are above specifications if false firing
is to be prevented. Turn-on as result of dv/dt is non-destructive
as long as the follow current remains within current ratings of
the device being used.
Figure AN1008.11
Exponential Rate-of-rise of Off-state Voltage
Defining dv/dt
dv/dt, Commutating: Critical Rate-of-rise of
Commutation Voltage — Triac
Commutating dv/dt is the rate-of-rise of voltage across the main
terminals that a triac can support (block without switching back
on) when commutating from the on state in one half cycle to the
off state in the opposite half cycle. This parameter is specified at
maximum rated case temperature (equal to TJ) since it is temper-
ature-dependent. It is also dependent on current (commutating
di/dt) and peak reapplied voltage (line voltage) and is specified at
rated current and voltage. All devices are guaranteed to commu-
tate rated current with a resistive load at 50 Hz to 60 Hz. Com-
mutation of rated current is not guaranteed at higher frequencies,
and no direct relationship can be made with regard to current/
temperature derating for higher-frequency operation. With induc-
tive loading, when the voltage is out of phase with the load cur-
rent, a voltage stress (dv/dt) occurs across the main terminals of
the triac during the zero-current crossing. (Figure AN1008.12) A
snubber (series RC across the triac) should be used with induc-
tive loads to decrease the applied dv/dt to an amount below the
minimum value which the triac can be guaranteed to commutate
off each half cycle.
II
III
IV
I
0
1.0
2.0
3.0
4.0
5.0
6.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
IGT — mA
0
1.0
2.0
3.0
4.0
-65
-15
+65
+25
+125
-40
Case Temperature (TC) – ˚C
INITIAL ON-STATE CURRENT
= 400 mA dc
Critical dv/dt
dv
= 0.63
VD
t
t = RC
0
dt
t
63% of VD
VD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com