Electronic Components Datasheet Search
  English  ▼

X  

AC10FSM Datasheet(PDF) 185 Page - Teccor Electronics

Part # AC10FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC10FSM Datasheet(HTML) 185 Page - Teccor Electronics

Back Button AC10FSM Datasheet HTML 181Page - Teccor Electronics AC10FSM Datasheet HTML 182Page - Teccor Electronics AC10FSM Datasheet HTML 183Page - Teccor Electronics AC10FSM Datasheet HTML 184Page - Teccor Electronics AC10FSM Datasheet HTML 185Page - Teccor Electronics AC10FSM Datasheet HTML 186Page - Teccor Electronics AC10FSM Datasheet HTML 187Page - Teccor Electronics AC10FSM Datasheet HTML 188Page - Teccor Electronics AC10FSM Datasheet HTML 189Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 223 page
background image
©2002 Teccor Electronics
AN1009 - 1
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
9
Miscellaneous Design Tips and Facts
Introduction
This application note presents design tips and facts on the follow-
ing topics:
•
Relationship of IAV, IRMS, and IPK
•
dv/dt Definitions
•
Examples of gate terminations
•
Curves for Average Current at Various Conduction Angles
•
Double-exponential Impulse Waveform
•
Failure Modes of Thyristor
•
Characteristics Formulas for Phase Control Circuits
Relationship of IAV, IRMS, and IPK
Since a single rectifier or SCR passes current in one direction
only, it conducts for only half of each cycle of an AC sinewave.
The average current (IAV) then becomes half of the value deter-
mined for full-cycle conduction, and the RMS current (IRMS) is
equal to the square root of half the mean-square value for full-
cycle conduction or half the peak current (IPK). In terms of half-
cycle sinewave conduction (as in a single-phase half-wave cir-
cuit), the relationships of the rectifier currents can be shown as
follows:
IPK = π IAV = 3.14 IAV
IAV = (1/π) IPK = 0.32 IPK
IPK = 2 IRMS
IRMS = 0.5 IPK
IAV = (2/π) IRMS = 0.64 IRMS
IRMS = (π/2) IAV = 1.57 IAV
When two identically rated SCRs are connected inverse parallel
for full-wave operation, as shown in Figure AN1009.1, they can
handle 1.41 times the RMS current rating of either single SCR.
Therefore, the RMS value of two half sinewave current pulses in
one cycle is
√2 times the RMS value of one such pulse per cycle.
Figure AN1009.1
SCR Anti-parallel Circuit
dv/dt Definitions
The rate-of-rise of voltage (dv/dt) of an exponential waveform is
63% of peak voltage (excluding any overshoots) divided by the
time at 63% minus 10% peak voltage. (Figure AN1009.2)
Exponential dv/dt =
=
Resistor Capacitor circuit t = RC =
Resistor Capacitor circuit
Figure AN1009.2
Exponential dv/dt Waveform
The rate-of-rise of voltage (dv/dt) of a linear waveform is 80% of
peak voltage (excluding any overshoots) divided by the time at
90% minus 10% peak voltage. (Figure AN1009.3)
Linear dv/dt =
=
Linear dv/dt =
=
Figure AN1009.3
Linear dv/dt Waveform
0.63
VPK
[]
•
t2 t1
–
()
t2 t1
–
()
4RC
•
t3 t2
–
()
=
(Peak Value)
100%
0%
63%
t1
t2
t0
t3
Time
Numerical dv/dt
10%
0.8
VPK
[]
•
t2 t1
–
()
0.9 VPK
•
0.1 VPK
•
–
[]
t2 t1
–
()
90%
0%
10%
t1
t2
t0
Time
AN1009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com