Electronic Components Datasheet Search
  English  ▼

X  

TMP236 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP236
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP236 Datasheet(HTML) 3 Page - Texas Instruments

  TMP236 Datasheet HTML 1Page - Texas Instruments TMP236 Datasheet HTML 2Page - Texas Instruments TMP236 Datasheet HTML 3Page - Texas Instruments TMP236 Datasheet HTML 4Page - Texas Instruments TMP236 Datasheet HTML 5Page - Texas Instruments TMP236 Datasheet HTML 6Page - Texas Instruments TMP236 Datasheet HTML 7Page - Texas Instruments TMP236 Datasheet HTML 8Page - Texas Instruments TMP236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1
NC
2
GND
3
VOUT
4
VDD
5
NC
Not to scale
1
VDD
2
VOUT
3
GND
Not to scale
3
TMP235, TMP236
www.ti.com
SBOS857 – SEPTEMBER 2017
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBZ Package
3-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
NC- no internal connection. Initial samples may contain bond wire.
Pin Functions
NAME
PIN
TYPE
DESCRIPTION
SOT-23
SC70
NC
—
1
—
No internal connection
GND
3
2
Ground
Power supply ground
VOUT
2
3
Output
Outputs voltage proportional to temperature
VDD
1
4
Power
Positive supply input
NC
—
5
—
No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com