Electronic Components Datasheet Search
  English  ▼

X  

TMP236 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP236
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP236 Datasheet(HTML) 1 Page - Texas Instruments

  TMP236 Datasheet HTML 1Page - Texas Instruments TMP236 Datasheet HTML 2Page - Texas Instruments TMP236 Datasheet HTML 3Page - Texas Instruments TMP236 Datasheet HTML 4Page - Texas Instruments TMP236 Datasheet HTML 5Page - Texas Instruments TMP236 Datasheet HTML 6Page - Texas Instruments TMP236 Datasheet HTML 7Page - Texas Instruments TMP236 Datasheet HTML 8Page - Texas Instruments TMP236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
0.5
1
1.5
2
2.5
3
D001
TMP235
TMP236
GND
VOUT
VDD
Thermal Diodes
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMP235, TMP236
SBOS857 – SEPTEMBER 2017
TMP23x Low-Power, High-Accuracy Analog Output Temperature Sensors
1
1 Features
1
•
Cost-Effective Alternative to Thermistors
•
Wide Temperature Measurement Range:
–
–40°C to +150°C (TMP235)
–
–10°C to +125°C (TMP236)
•
Available in Accuracy Level Variants:
–
±0.5°C (Typical)
–
±1°C (Typical)
•
Positive Slope Sensor Gain, Offset (Typical):
–
10 mV/°C, 500 mV at 0°C (TMP235)
–
19.5 mV/°C, 400 mV at 0°C (TMP236)
•
Wide Operating Supply Voltage Range:
–
2.3 V to 5.5 V (TMP235)
–
3.1 V to 5.5 V (TMP236)
•
Short Circuit Protected Output
•
Low Power: 9 μA (Typical)
•
Strong Output For Driving Up To 1000-pF Load
•
Available Package Options:
–
5-Pin SC70 (DCK) Surface Mount
–
3-Pin SOT-23 (DBZ) Surface Mount
2 Applications
•
Grid Infrastructure
•
Wireless and Telecom Infrastructure
•
Automotive Infotainment
•
Factory Automation and Control
•
Test and Measurement
3 Description
The TMP23x devices are a family of precision CMOS
integrated-circuit linear analog temperature sensors
with an output voltage proportional to temperature,
making
the
series
suitable
for
multiple
analog
temperature sensing applications. These temperature
sensors
are
more
accurate
than
similar
pin-
compatible devices on the market, featuring accuracy
from 0°C to +70°C of ±1°C and ±2°C. The increased
accuracy makes this series suitable for many analog
temperature
sensing
applications.
The
TMP235
device provides a positive slope output of 10 mV/°C
over the full –40°C to +150°C temperature range and
a 2.3 V to 5.5 V supply range. The higher gain
TMP236 sensor provides a positive slope output of
19.5 mV/°C from –10°C to +150°C and a 3.1 V to 5.5
V supply range.
The 9-µA typical quiescent current and 800-µs typical
power-on
time
enable
effective
power-cycling
architectures to minimize power consumption for
battery-powered devices. A class-AB output driver
provides a strong 500 µA maximum output to drive
capacitive loads up to 1000 pF and is well-suited to
directly interface to analog-to-digital converter sample
and hold inputs. With excellent accuracy and a strong
linear output driver, the TMP23x analog output
temperature sensors are excellent, cost-effective
alternatives to passive thermistors.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP235
SC70 (5)
2.00 × 1.25 mm
TMP236
SOT-23 (3)
2.92 × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
Output Voltage vs Ambient


Similar Part No. - TMP236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP236 TI1-TMP236 Datasheet
974Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
975Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
575Kb / 20P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP236 TI1-TMP236 Datasheet
688Kb / 22P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
More results

Similar Description - TMP236

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
ON Semiconductor
NCT203 ONSEMI-NCT203 Datasheet
162Kb / 13P
Low Voltage, High Accuracy Temperature Monitor
June, 2013 ??Rev. 2
logo
Texas Instruments
TMP235 TI1-TMP235_18 Datasheet
974Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_018 TI1-TMP235_018 Datasheet
975Kb / 20P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235_1808 TI1-TMP235_1808 Datasheet
1Mb / 25P
Low-Power, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1 Datasheet
575Kb / 20P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
TMP235-Q1 TI1-TMP235-Q1_19 Datasheet
688Kb / 22P
Automotive Grade, High-Accuracy Analog Output Temperature Sensors
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
logo
MultiDimension Technolo...
AMR4100 MULTIDIMENSION-AMR4100 Datasheet
905Kb / 7P
High accuracy analog output dual axis position sensor
Version 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com