Electronic Components Datasheet Search
  English  ▼

X  

TMP236 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP236
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP236 Datasheet(HTML) 5 Page - Texas Instruments

  TMP236 Datasheet HTML 1Page - Texas Instruments TMP236 Datasheet HTML 2Page - Texas Instruments TMP236 Datasheet HTML 3Page - Texas Instruments TMP236 Datasheet HTML 4Page - Texas Instruments TMP236 Datasheet HTML 5Page - Texas Instruments TMP236 Datasheet HTML 6Page - Texas Instruments TMP236 Datasheet HTML 7Page - Texas Instruments TMP236 Datasheet HTML 8Page - Texas Instruments TMP236 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
TMP235, TMP236
www.ti.com
SBOS857 – SEPTEMBER 2017
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Refer to Table 1.
6.5 Electrical Characteristics
TMP235: VDD = 2.3 V to 5.5 V, GND = Ground, TA = –40°C to 125°C and No Load (Unless otherwise noted)
TMP236: VDD = 3.1 V to 5.5 V, GND = Ground, TA = –10°C to 125°C and No Load (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
Operating Current
TA = +25°C, VDD = 2.3 V, TMP235
7
μA
TA = –40°C to +125°C
14
TA = 150°C
17
Δ℃/
ΔVDD
Line Regulation
0.02
℃/V
SENSOR ACCURACY
TACY
Temperature Accuracy (1)
Accuracy
Level 2
(A2)
TA = +25°C
±0.5
℃
TA = 0°C to +70°C
–1
±0.5
+1
TA = –40°C to +125°C (TMP235A2)
–2
±0.5
+2
TA = –10°C to +125°C (TMP236A2)
–2
±0.5
+2
TA = –40°C to +150°C (TMP235A2)
–4
±0.5
+4
Accuracy
Level 4
(A4)
TA = +25°C
±1
TA = 0°C to +70°C
–2
±1
+2
TA = –40°C to +125°C (TMP235A4)
–4
±1
+4
TA = –10°C to +125°C (TMP236A4)
–4
±1
+4
TA = –40°C to +150°C (TMP235A4)
–6
±1
+6
SENSOR OUTPUT
V0℃
Output Voltage Offset at 0 °C
TMP235
500
mV
TMP236
400
TC
Temperature Coefficient (Sensor Gain)
TMP235
10.0
mV/
℃
TMP236
19.5
VONL
Output Nonlinearity(2)
TA = 0 °C to +70 °C, No Load
±0.5
℃
IOUT
Output Current
500
μA
ZOUT
Output Impedance
IOUT = 100 μA, f = 100 Hz
20
Ω
IOUT = 100 μA, f = 500 Hz
50
Output Load Regulation
TA = 0°C to +70°C, IOUT = 100 μA,
ΔVOUT / ΔIOUT
1
tON
Turnon Time
800
μS
CLOAD
Typical Load Capacitance
1000
pF
tRES
Thermal Response to 63%
SC70
30 °C (Air) to +125 °C (Fluid Bath)
1.3
s
SOT-23
(TBC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com