Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40021
Description  ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40021 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40021 Datasheet HTML 1Page - Texas Instruments TPS40021 Datasheet HTML 2Page - Texas Instruments TPS40021 Datasheet HTML 3Page - Texas Instruments TPS40021 Datasheet HTML 4Page - Texas Instruments TPS40021 Datasheet HTML 5Page - Texas Instruments TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TPS40020
TPS40021
SLUS535C − MARCH 2003 − REVISED SEPTEMBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS
TJ = −40°C to 85°C, TJ = TA, VDD = 5.0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VDD
Input voltage range, VDD
2.25
5.50
V
VPVDD PVDD pin voltage
VDD = 3.3 V
4.9
5.2
V
Switching current
500 kHz, No load on HDRV, LDRV
3.5
5.0
IDD
Quiescent current
FB = 0.8 V
2.0
3.0
mA
IDD
Shutdown current
SS/SD = 0 V, Outputs OFF
0.38
1.00
mA
VUVLO
Minimum on-voltage
1.95
2.05
2.15
V
VUVLO
Hysteresis
80
130
200
mV
OSCILLATOR
fOSC
Accuracy
2.25 V
≤ VDD ≤ 5.00 V, RT = 69.8 kΩ
425
500
575
kHz
fOSC
Accuracy
2.25 V
≤ VDD ≤ 5.00 V, RT = 34.8 kΩ
800
950
1100
kHz
VRAMP Ramp voltage
VPEAK−VVAL
0.80
0.93
1.07
V
VVAL
Ramp valley voltage
0.24
0.31
0.41
V
PWM
dMAX
Maximum duty cycle
VOSNS = VDD, RT = 34.8 kΩ,
VDD = 3.3 V, FB = 0 V
85%
94%
dMAX
Maximum duty cycle
VOSNS = VDD, RT = 70 kΩ,
VDD = 5.0 V, FB = 0 V
90%
95%
dMIN
Minimum duty cycle
0%
tMIN
Minimum HDRV on-time(2)
250
ns
ERROR AMPLIFIER
VFB
Feedback input voltage
−40
°C ≤ TA ≤ 85°C, 2.25V ≤ VDD ≤ 5.00V
0.685
0.690
0.697
V
IBIAS
Input bias current
30
130
nA
VOH
High-level output voltage
IOH = 0.5 mA, VFB = GND
2.0
2.5
V
VOL
Low-level output voltage
IOL = 0.5 mA, VFB = VDD
0.08
0.15
V
IOH
High-level output source current
VFB = GND
3
7
mA
IOL
Low-level output sink current
VFB = VDD
3
8
mA
GBW
Gain bandwidth(1)
5
10
MHz
AOL
Open loop gain(1)
55
85
dB
CURRENT LIMIT
ISINK
Current limit sink current
2.25 V
≤ VDD ≤ 5.00 V, RT = 69.8 kΩ
165
190
215
µA
VOS
Current limit offset voltage
−20
0
20
mV
tON
Minimum HDRV on−time in overcurrent
VDD = 3.3 V
200
300
ns
tON
Switch leading-edge blanking pulse time(1)
140
ns
tSS
Soft-start cycles
6
cycles
VILIM
Current limit input voltage range
2
VDD
V
SOFT START
ISS
Soft-start source current
Outputs = OFF
2.0
3.3
5.4
µA
(1) Ensured by design. Not production tested.
(2) Operation below the minimum on-time could result in overlap of the HDRV and LDRV outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com