Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40021
Description  ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40021 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 19Page - Texas Instruments TPS40021 Datasheet HTML 20Page - Texas Instruments TPS40021 Datasheet HTML 21Page - Texas Instruments TPS40021 Datasheet HTML 22Page - Texas Instruments TPS40021 Datasheet HTML 23Page - Texas Instruments TPS40021 Datasheet HTML 24Page - Texas Instruments TPS40021 Datasheet HTML 25Page - Texas Instruments TPS40021 Datasheet HTML 26Page - Texas Instruments TPS40021 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TPS40020
TPS40021
SLUS535C − MARCH 2003 − REVISED SEPTEMBER 2004
www.ti.com
23
REFERENCE DESIGN
This design used the TPS40020 PWM controller to facilitate a step-down application from 3.3-V to 1.5 V. (see
Figure 29) Design specifications include:
D Input voltage: 2.5 V ≤ VIN ≤ 5.0 V
D Nominal output voltage: 3.3 V
D Output voltage VOUT: 1.5 V
D Output current IOUT: 20 A
D Switching frequency: 300 kHz
DESIGN PROCEDURE
Setting the Frequency
Choosing the optimum switching frequency is complicated. The higher the frequency, the smaller the
inductance and capacitance needed, so the smaller the size, but then the the switching losses are higher, the
efficiency is poorer. For this evaluation module, 300 kHz is chosen for reasonable efficiency and size.
A resistor R4, which is connected from pin 7 to ground, programs the oscillator frequency. The approximate
operating frequency is calculated in equation (3)
R
T (kW) +
37.736
103
f
OSC
(kHz)
* 5.09 (kW)
Using equation (2), RT is calculated to be 120 kΩ and a 118-kΩ resistor is chosen for 300 kHz operation.
Inductance Value
The inductance value can be calculated by equation (2).
L
(min) +
V
OUT
f
I
RIPPLE
1
*
V
OUT
V
IN(max)
where IRIPPLE is the ripple current flowing through the inductor, which affects the output voltage ripple and core
losses.
Based on 24% ripple current and 300 kHz, the inductance value is calculated to 0.71
µH and a 0.75-µH inductor
(part number is CDEP149−0R7) is chosen. The DCR of this inductor is 1.1 m
Ω and the loss is 440 mW, which
is approximately 1.5% of output power.
C
OUT(min) +
I
RIPPLE
8
f
V
RIPPLE
ESR
OUT +
V
RIPPLE
I
RIPPLE
With 1.2% output voltage ripple, the needed capacitance is at least 109
µF and its ESR should be less than
3.75 m
Ω. Three 2-V, 470-µF, POSCAP capacitors from Sanyo are used. The ESR is 10 mΩ each.
The required input capacitance is calculated in equation (5). The calculated value is approximately 390
µF for
a 100-mV input ripple. Three 6.0-V, 330-
µF POSCAP capacitors with 10 mΩ ESR are used to handle 10 A of
RMS input current. Additionally, two ceramic capacitors are used to reduce the switching ripple current.
C
IN(min) + IOUT(max)
D
(max)
1
f
OSC
V
IN(ripple)
(4)
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com