Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40021
Description  ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40021 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40021 Datasheet HTML 1Page - Texas Instruments TPS40021 Datasheet HTML 2Page - Texas Instruments TPS40021 Datasheet HTML 3Page - Texas Instruments TPS40021 Datasheet HTML 4Page - Texas Instruments TPS40021 Datasheet HTML 5Page - Texas Instruments TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS40020
TPS40021
SLUS535C − MARCH 2003 − REVISED SEPTEMBER 2004
www.ti.com
2
DESCRIPTION (CONTINUED)
The short circuit current detection is programmable through a single resistor, allowing the short circuit current limit
detection threshold to be easily tailored to accommodate different size (RDS(on)) MOSFETs. The short circuit current
function provides pulse-by-pulse current limiting during soft-start and short term transient conditions as well as a fault
counter to handle longer duration short circuit current conditions. If a fault is detected the controller shuts down for
a period of time determined by six (6) consecutive soft-start cycles. The controller automatically retries the output
every seventh (7th) soft-start cycle.
In addition to determining the off time during a fault condition, the soft-start ramp provides a closed loop controlled
ramp of the converter output during startup. Programmability allows the ramp rate to be adjusted for a wide variety
of output L-C component values.
The output voltage transient comparators provide a quick response , first strike, approach to output voltage transients. The
output voltage is sensed through a resistor divider at the OSNS pin. If an overvoltage condition is detected the HDRV gate
drive is shut-off and the LDRV gate drive is turned on until the output is returned to regulation. Similarly, if an output
undervoltage condition is sensed the HDRV gate drive goes to 95% duty cycle to pump the output back up quickly. In either
case, the PowerGood open drain output pulls low to indicate an output voltage out of regulation condition. The PowerGood
output can be daisy-chained to the SS/SD pin or enable pin of other controllers or converters for output voltage sequencing.
The transient comparators can be disabled by simply tying the OSNS pin to VDD.
The TPS4002x can be externally synchronized through the ILIM/SYNC pin up to 1.5
× the free-running frequency. This
allows multiple contollers to be synchronized to eliminate EMI concerns due to input beat frequencies between controllers.
INTERNAL BLOCK DIAGRAM
UDG−02092
VDD
DISABLE
2
BOOT2
13
VDD
9
ILIM/SYNC
1
PWRGD
5
SW
14
COMP
6
PVDD
12
SS/SD
8
LDRV
11
SGND
UVLO
VDD
3
OSNS
4
FB
7
RT
0.719 V
0.659 V
+
0.69 V
OSC
UVLO
PREDICTIVE
GATE
DRIVE(tm)
PWM
LOGIC
CLK
CHARGE
PUMP
BOOT1
16
HDRV
15
PWM
ACTIVE
DRV
VDD
UVLO
FAULT
COUNTER
SOFT
START
FAULT
SS
ACTIVE
DCHG
CLK
−
+
OC
0.28 V
UVLO
ISS
SD
VDD
UVLO
1 V
VDD
SYNC
DRV
PVDD
PGND
10
CURRENT LIMIT
COMPARATOR
+
1.4 V
+
IRT
IRT
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com