Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40021
Description  ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40021 Datasheet(HTML) 3 Page - Texas Instruments

  TPS40021 Datasheet HTML 1Page - Texas Instruments TPS40021 Datasheet HTML 2Page - Texas Instruments TPS40021 Datasheet HTML 3Page - Texas Instruments TPS40021 Datasheet HTML 4Page - Texas Instruments TPS40021 Datasheet HTML 5Page - Texas Instruments TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS40020
TPS40021
SLUS535C − MARCH 2003 − REVISED SEPTEMBER 2004
www.ti.com
3
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
LOAD CURRENT(1)
PACKAGE
PART NUMBER
−40
°C to 85°C
SOURCE
Plastic HTSSOP (PWP)(2)
TPS40020PWP
−40
°C to 85°C
SOURCE/SINK
Plastic HTSSOP (PWP)(2)
TPS40021PWP
(1) See page 7 for explanation.
(2) The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS40020PWPR). See the application section of
the data sheet for PowerPAD drawing and layout information.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(4)
TPS4002X
UNIT
SS/SD, VDD, PVDD, OSNS
−0.3 to 6
BOOT2, BOOT1
VSW + 6
Input voltage range, VIN
SW
−3.0 to 10.5
V
Input voltage range, VIN
SWT (SW transient < 50 ns)
−5
V
FB, ILIM
−0.3 to 6.0
Output voltage range, VOUT
COMP, PWRGD, RT
−0.3 to 6
Sink current, IS
PWRGD
10
mA
Operating virtual junction temperature range, TJ
−40 to 125
Storage temperature, Tstg
−55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
C
(4) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input voltage, VIN
2.25
5.5
V
Operating junction temperature, TJ
−40
85
°C
THERMAL
PAD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ILIM/SYNC
VDD
OSNS
FB
COMP
SS/SD
RT
SGND
BOOT1
HDRV
SW
BOOT2
PVDD
LDRV
PGND
PWRGD
PWP PACKAGE(5)(6)
(TOP VIEW)
(5) For more information on the PWP package, refer to TI Technical Brief, Literature No. SLMA002.
(6) PowerPAD
t heat slug must be connected to SGND (Pin 8), or electrically isolated from all other pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com