Electronic Components Datasheet Search
  English  ▼

X  

ABC40-3003G Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC40-3003G
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC40-3003G Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC40-3003G Datasheet HTML 1Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 2Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 3Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 4Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ABC40 Series
tech.support@psbel.com
MODEL1
OUTPUT VOLTAGE (VDC)
MAX LOAD (A)2
MINIMUM LOAD (A)3
RIPPLE & NOISE4
ABC40-1005G
5.1
8.0
0.0
1%
ABC40-1012G
12
3.5
0.0
1%
ABC40-1015G
15
2.7
0.0
1%
ABC40-1024G
24
1.7
0.0
1%
ABC40-1048G
48
0.83
0.0
1%
ABC40-3000G
5.2
6.0
0.5
1%
12.5
2.0
0.1
1%
-12.8
0.5
0.0
1%
ABC40-3001G
5.2
6.0
0.5
1%
23.8
1.0
0.1
1%
-12.8
0.5
0.0
1%
ABC40-3002G
5.2
6.0
0.5
1%
14.6
1.5
0.1
1%
-14.8
0.5
0.0
1%
ABC40-3003G5
3.3
6.0
1.0
1.5%
5.2
3.0
0.1
1%
-12.8
0.5
0.0
1%
Cover-40-XCB
Metal cover kit accessory
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
90 - 264 VAC
Input Frequency6
47 to 400 Hz
Input Current
120 VAC:
230 VAC:
0.85 A max.
0.45 A max.
No Load Power
Single output models
Multi output models
< 0.3 W
< 0.5 W
Inrush Current
120 VAC:
230 VAC:
30 A max.
60 A max.
Leakage Current
120 VAC:
230 VAC:
< 500 µA
<1000 µA
Switching Frequency
Typical
67
67 Hz
1 For Class II add suffix -2 (e.g.: ABC40-1012G-2).
2 Maximum current per output channel. Do not exceed total output power rating.
3 Minimum load specified to meet cross regulation.
4 Ripple is peak to peak with 20 MHz bandwidth and 10 µF (Tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage
and load ranges.
5 For ABC40-3003G efficiency is 75% typical.
6 Safety Approved: 47 to 63 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com