Electronic Components Datasheet Search
  English  ▼

X  

ABC40-3003G Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC40-3003G
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC40-3003G Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC40-3003G Datasheet HTML 1Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 2Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 3Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 4Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABC40 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00281_AE
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Efficiency
Typical
85%
Hold Up Time
@ 120 VAC typical
>10 ms
Output Power
Derate output power linearly to 80% from 90 VAC to 80 VAC input.
40 W
Line Regulation
+/-0.3%
Load Regulation
V1:
V2 & V3:
+/-0.5%
+/-5%
Transient Response
50% to 100% load change, 50/60 Hz, 50% duty cycle, 0.1 A/µs
< 10%,
recovery time < 5 ms
Rise Time
< 100 ms
Set Point Tolerance
V1:
V2 & V3:
± 3%
± 5%
Output Voltage Adjustment
V1
± 10%
Over Current Protection
Typical above rating
130%
Over Voltage Protection
Typical for V1 only
130%
Short Circuit Protection
Short term, autorecovery
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Operating Temperature
Refer to derating curve, Fig. 1
Start-up is guaranteed
-20 to 70°C
-20 to 0°C
Storage Temperature
-40 to +85°C
Relative Humidity
Non Condensing
95%
Altitude
Operating:
Non-Operating:
10,000 ft.
40,000 ft.
Reliability
MTBF according to Telcordia -SR332-Issue 3
1.87 million hours
Cooling
Convection
Figure 1. Derating Curve
De-rate linearly from 100% at 50°C to 75% at 70°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com