Electronic Components Datasheet Search
  English  ▼

X  

ABC40-3003G Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC40-3003G
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC40-3003G Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC40-3003G Datasheet HTML 1Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 2Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 3Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 4Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The ABC40 Series of open-frame power supplies, with its wide
universal 90-264 VAC input range and high power density, is
available at 40 W of output power and a variety of single and multiple
output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory
approvals for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
4 x 2 x 1.2 Inch Form Factor
•
Single to Triple Outputs
•
Ultra High Efficiency > 85%
•
Low conducted and radiated noise
•
No Load Power < 0.3 W
•
IEC Protection Class Options:
o
Class I: Earth pin J4 (no suffix)
o
Class II: No Earth pin (-2 suffix)
•
RoHS Compliant
•
Cover Kit Accessory Available
•
Lighting
•
Industrial Processing
•
Applied Computing
•
Instrumentation
•
Automation Controls
•
Robotics
•
Wireless Communication
•
Test and Measurement


Similar Part No. - ABC40-3003G

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC40-3003G POWER-ONE-ABC40-3003G Datasheet
556Kb / 4P
40 W convection cooled, No minimum load required - single output models
logo
Bel Fuse Inc.
ABC40-3003G BEL-ABC40-3003G Datasheet
547Kb / 6P
4 x 2 x 1.2 Inch Form Factor
More results

Similar Description - ABC40-3003G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com