Electronic Components Datasheet Search
  English  ▼

X  

ABC40-3003G Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC40-3003G
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC40-3003G Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC40-3003G Datasheet HTML 1Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 2Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 3Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 4Page - Bel Fuse Inc. ABC40-3003G Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ABC40 Series
tech.support@psbel.com
Conducted Emissions
EN55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 B
Pass
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Isolation Voltage
Input to Output
Min. 4242 VDC
Safety Standards
Approved to the latest edition of the following standards:
CSA/UL EN60950-1, EN EN60950-1 and IEC EN60950-1.
Class1 SELV.
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
CONNECTOR
PIN
DESCRIPTION / CONDITION
MANUFACTURER / PN
AC Input Connector
J1
Pin 1
Pin 2
AC Neutral
AC Line
Molex: 26-60-4030 or equivalent
Mating: 09-50-3031; Pins: 08-50-0106
DC Output Connector
J2
Pin 1,2
Pin 3,4
Pin 5
Pin 6
V1
RTN
V3
V2
Tyco: 640445-6 or equivalent
Mating: 647402-6; Pins: 3-647409-1
Signal Connector
J3
Pin 1
Pin 2
+V1 Sense
-V1 Sense
Molex: 22-23-2021 or equivalent
Mating: 22-01-2021
Earth
J4
Molex: 19705-4301
Mating: 190030001
PARAMETER
DESCRIPTION / CONDITION
Weight
150 g (0.33 lbs.)
Dimensions
101.6 x 50.8 x 30.48 mm (4 x 2 x 1.2 inch)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com