Electronic Components Datasheet Search
  English  ▼

X  

IMS15 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # IMS15
Description  15 Watt DC-DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMS15 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  IMS15 Datasheet HTML 1Page - Bel Fuse Inc. IMS15 Datasheet HTML 2Page - Bel Fuse Inc. IMS15 Datasheet HTML 3Page - Bel Fuse Inc. IMS15 Datasheet HTML 4Page - Bel Fuse Inc. IMS15 Datasheet HTML 5Page - Bel Fuse Inc. IMS15 Datasheet HTML 6Page - Bel Fuse Inc. IMS15 Datasheet HTML 7Page - Bel Fuse Inc. IMS15 Datasheet HTML 8Page - Bel Fuse Inc. IMS15 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 2 of 19
MELCHER
The Power Partners.
Model Selection
Table 1: Model Selection
Output 1
Output 2
Output
Input voltage
Efficiency
Model
Options 2
Vo nom
Io nom 1
Vo nom
Io nom 1
power
Vi min to Vi max
ηηηηηmin6
ηηηηηtyp 6
[VDC]
[A]
[VDC]
[A]
Po nom [W]
[VDC]
[%]
[%]
3.3
4.5
-
-
14.9
8.4 to 36 5
80
82
20IMX15-03-8RG-G SR
i, Z, non-G
3.3
4.0
-
-
13.2
16.8 to 75 3
78
80
40IMX15-03-8RG
non-G
3.3
4.5
-
-
14.9
16.8 to 75 3
81
83
40IMX15-03-8RG-G SR
i, Z, non-G
3.3
4.5
-
-
14.9
50 to 150 4
77
79
110IMY15-03-8RG-G SR
i, Z, non-G
5.1
3.5
-
-
17.5
8.4 to 36 5
83
86
20IMX15-05-8RG-G SR
i, Z, non-G
5.1
3.5
-
-
17.5
16.8 to 75 3
85
87
40IMX15-05-8RG-G SR
i, Z, non-G
5.1
3.5
-
-
17.5
50 to 150 4
79.5
82
110IMY15-05-8RG-G SR
i, Z, non-G
5.1
2.3
-
-
11.7
8.4 to 36 5
82
84
20IMX15-05-8RG
Z, non-G
5.1
2.7
-
-
13.8
14 to 36
81.5
84
24IMS15-05-9R
--
5.1
2.5
-
-
12.8
16.8 to 75 3
81.5
83
40IMX15-05-8RG
--
5.1
2.5
-
-
12.8
50 to 150 4
78
81
110IMY15-05-8RG
Z, non-G
5.1
1.35
3.3
1.35
11.3
8.4 to 36 5
82
84
20IMX15-0503-8RG
i, Z, non-G
5.1
1.6
3.3
1.6
13.5
14 to 36
81
83
24IMS15-0503-9R
--
5.1
1.5
3.3
1.5
12.6
16.8 to 75 3
82
84
40IMX15-0503-8RG
i, Z, non-G
5.1
1.6
3.3
1.6
13.5
36 to 75
79
82
48IMS15-0503-9R
--
5.1
1.5
3.3
1.5
12.6
50 to 150 4
79
82
110IMY15-0503-8RG
i, Z, non-G
5
1.3
5
1.3
13.0
8.4 to 36 5
82
85
20IMX15-05-05-8G
i, Z, non-G
5
1.4
5
1.4
14.0
14 to 36
81
84
24IMS15-05-05-9
--
5
1.4
5
1.4
14.0
16.8 to 75 3
81
84
40IMX15-05-05-8G
i, Z, non-G
5
1.4
5
1.4
14.0
50 to 150 4
80
82
110IMY15-05-05-8G
i, Z, non-G
12
0.65
12
0.65
15.6
8.4 to 36 5
83
86
20IMX15-12-12-8G
i, Z, non-G
12
0.7
12
0.7
16.8
14 to 36
83
86
24IMS15-12-12-9
--
12
0.7
12
0.7
16.8
16.8 to 75 3
84
87
40IMX15-12-12-8G
i, Z, non-G
12
0.7
12
0.7
16.8
50 to 150 4
82
85
110IMY15-12-12-8G
i, Z, non-G
15
0.5
15
0.5
15.0
8.4 to 36 5
85
88
20IMX15-15-15-8G
i, Z, non-G
15
0.56
15
0.56
16.8
14 to 36
83
86
24IMS15-15-15-9
--
15
0.56
15
0.56
16.8
16.8 to 75 3
83
86
40IMX15-15-15-8G
i, Z, non-G
15
0.56
15
0.56
16.8
50 to 150 4
82
85
110IMY15-15-15-8G
i, Z, non-G
24
0.32
24
0.32
15.4
8.4 to 36 5
83
86
20IMX15-24-24-8G
i, Z, non-G
24
0.35
24
0.35
16.8
14 to 36
84
87
24IMS15-24-24-9G
non-G
24
0.35
24
0.35
16.8
16.8 to 75 3
84
86
40IMX15-24-24-8G
i, Z, non-G
24
0.35
24
0.35
16.8
50 to 150 4
82
85
110IMY15-24-24-8G
i, Z, non-G
1
Flexible load distribution on dual and double outputs possible; up to 75% of the total output power Po nom on one of the 2 outputs.
IMX/IMY15-0503 models have reduced load distribution flexibility; 1.8 A max. on one of the 2 outputs. The total output power should not
exceed Po nom.
2
See Description of Options.
3
Short-time operation down to Vi = 14.4 V possible (Po reduced to approx. 85% of Po nom)
4
Short-time operation down to Vi = 43.2 V possible (Po reduced to approx. 85% of Po nom) and up to 154 V
5
Initial start-up at 9 V, main output voltage regulation down to 8.4 V
6
Efficiency at TA = 25 °C, Vi nom, Io nom.
SR
Models with synchronos rectifier. For the RoHS version of such models, add -G !
Preferred for new designs.
NFND Not for new designs. Replace 24IMS15 models by 20IMX15 and 48IMS15 by 40IMX15;
Replace 20IMX15-05, 40IMX15-05, 110IMY15-05 by models with synchronos rectifier SR;
for new designs, chose always the RoHS version !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com