Electronic Components Datasheet Search
  English  ▼

X  

IMS15 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # IMS15
Description  15 Watt DC-DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMS15 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button IMS15 Datasheet HTML 9Page - Bel Fuse Inc. IMS15 Datasheet HTML 10Page - Bel Fuse Inc. IMS15 Datasheet HTML 11Page - Bel Fuse Inc. IMS15 Datasheet HTML 12Page - Bel Fuse Inc. IMS15 Datasheet HTML 13Page - Bel Fuse Inc. IMS15 Datasheet HTML 14Page - Bel Fuse Inc. IMS15 Datasheet HTML 15Page - Bel Fuse Inc. IMS15 Datasheet HTML 16Page - Bel Fuse Inc. IMS15 Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 13 of 19
MELCHER
The Power Partners.
Table 8: Vo versus Vext approximate values
Vo nom
Typ. values of Rext1
Typ. values of Rext2
[V]
Vo [% of Vo nom] Rext1 [k
Ω
Ω
Ω
Ω
Ω] V
o [% of Vo nom]
Rext2 [k
Ω
Ω
Ω
Ω
Ω]
3.3
90
0.47
100
∞
95
2.7
105
15
100
∞
110
6.8
5.1
90
3.3
100
∞
95
8.2
105
9.1
100
∞
110
3.9
Auxiliary Functions
Shutdown Function
The outputs of the converters may be enabled or disabled by
means of a logic signal (TTL, CMOS, etc.) applied to the shut-
down pin. If this function is not required, the shut-down pin
should be left open-circuit.
• Converter operating:
2.0 to 20 V
• Converter disabled:
–10 to +0.7 V
Adjustable Output Voltage
• R input for single-output models and -0503-models
• Trim input for double-output models
As a standard feature, the single- and double-output models
offer adjustable output voltage(s) by using the control input R or
Trim. If the control input is left open-circuit, the output voltage is
set to Vo nom. For output voltages Vo > Vo nom, the minimum input
voltage
Vi min
(see
Electrical
Input
Data)
increases
proportionally to Vo/Vo nom.
Single-output models with synchronous rectifier (G):
The R input is referenced to the secondary side of the
converter. Adjustment of the output voltage is possible by
means of an external resistor connected between the R pin and
either Vo+ or Vo–.
Note: For models with synchronous rectifier the logic for Vo
adjustment differs from other models with R input.
Double-output models with Trim input:
The Trim input is referenced to the primary side. The figure
below shows the topology. Adjustment is possible trough either
an external resistor or an external voltage source Vext.
Fig. 16
Output voltage control for double-output models (with Trim
input) by means of the Trim input.
Fig. 15
Output voltage control for single-output models, -0503-models,
and double-output models by means of the R input.
All other models fitted with R-input:
The R input is referenced to the secondary side of the
converter. Adjustment of the output voltage is possible by
means of either an external resistor or a voltage source.
Fig. 14
Output voltage control for single-output models with
synchronous rectifier.
a) Adjustment by means of an external resistor Rext.
Depending upon the value of the required output voltage,
the resistor shall be connected:
either: Between the R pin and Vo– to achieve an output
voltage adjustment range of Vo ≈ 80 to 100 % of Vo nom.
Vo
Rext1 ≈ 4 kΩ • –––––––––
Vo nom – Vo
or: Between the R pin and Vo+ to achieve an output voltage
range of Vo
≈ 100 to 105% of V
o nom.
(Vo – 2.5V)
Rext2
≈ 4 kΩ • ––––––––––––––––––
2.5 V • (Vo/Vo nom – 1)
b) Adjustment by means of an external voltage Vext
between Vo– and R pin.
The control voltage range is 1.96 to 2.62 V and allows for
adjustment in the range of Vo ≈ 80 to 105% of Vo nom.
Vo • 2.5 V
Vext ≈ ––––––––
Vo nom
Attempting to adjust the output below this range will cause
the converter to shut down (hiccup mode).
Note: Applying an external control voltage >2.75 V may damage
the converter.
R
Vo+
Vo–
Vi+
Vi–
R
ext2
R
ext1
06131
Trim
Vo1+
Vo2–
+
V
ext
–
Vi+
Vi–
R
ext
Vo1–
Vo2+
06089a
Control
circuit
V
ref 2.5 V
R
Vo+
Vo–
+
V
ext
–
4 k
Ω
V
ref = 2.5 V
Control
logic
R
ext1
R
ext 2
06029e
Vi–
Vi+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com