Electronic Components Datasheet Search
  English  ▼

X  

IMS15 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # IMS15
Description  15 Watt DC-DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMS15 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  IMS15 Datasheet HTML 1Page - Bel Fuse Inc. IMS15 Datasheet HTML 2Page - Bel Fuse Inc. IMS15 Datasheet HTML 3Page - Bel Fuse Inc. IMS15 Datasheet HTML 4Page - Bel Fuse Inc. IMS15 Datasheet HTML 5Page - Bel Fuse Inc. IMS15 Datasheet HTML 6Page - Bel Fuse Inc. IMS15 Datasheet HTML 7Page - Bel Fuse Inc. IMS15 Datasheet HTML 8Page - Bel Fuse Inc. IMS15 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IMX15, IMY15 , IMS15 Series Data Sheet
15 Watt DC-DC Converters
BCD20008-G Rev AE, 25-Aug-2017
Page 1 of 19
MELCHER
The Power Partners.
Features
• RoHS lead-free-solder and lead-solder-exempted
products are available.
• Wide input voltage ranges up to 150 VDC
• 1 or 2 isolated outputs up to 48 V
• 1500 to 3000 VAC I/O voltage withstand test
• Emissions EN 55022 level A
• Immunity to IEC/EN 61000-4-2,-3,-4,-5, and -6
• Fire&smoke as per EN 45545
• High efficiency (typ. 86%)
• Input undervoltage lockout
• Shutdown input, adjustable output voltages
• Flex power: Flexible load distribution on outputs
• Outputs no-load, overload, and short-circuit proof
• Operating ambient temperature –40 to 85 °C
• Thermal protection
• 2" x 1.6" case with 10.5 mm profile
• Supplementary insulation: 20/40IMX15 models, double
or reinforced insulation: 110IMY15 models
Description
The IMX15, IMS15, and IMY15 Series of board mountable
15 Watt DC-DC converters have been designed according to
the latest industry requirements and standards. The converters
are particularly suitable for use in mobile or stationary
applications in transport, railways, industry, or telecommu-
nication, where variable input voltages or high transient
voltages are prevalent.
Covering a total input voltage range from 8.4 up to 150 V with
different models, the converters are available with single and
electrically-isolated double outputs from 3.3 up to 48 V,
externally adjustable, with flexible load distribution on double-
output models. A shutdown input allows for remote on/off.
Features include efficient input and output filtering and
consistently high efficiency over the entire input voltage range,
high reliability, and excellent dynamic response to load and line
changes.
The converters have been approved by CSA. 20IMS/20IMX15
and 40IMS/40IMX15 models provide supplementary insulation.
Connected to a secondary circuit, these models provide SELV
outputs, even if the bus voltage at the converter input exceeds
the SELV-limit of 60 VDC. The 110I MY15 models provide
double insulation and are CE marked. They may be connected
to a rectified 110 VAC source without any further isolation
barrier.
The circuitry is comprised of integrated planar magnetics. All
components are automatically assembled and solidly soldered
onto a single PCB without any wire connection. Magnetic
feedback ensures maximum reliability and repeatability in the
control loop over all operating conditions. Careful con-
sideration of possible thermal stress ensures the absence of
hot
spots
providing
long
life
in
environments,
where
temperature cycles are frequent. The thermal design allows
operation at full load up to an ambient temperature of 71 °C in
free air without using any potting material. For extremely high
vibration environments the case has holes for screw mounting.
51
2.0"
40.6
1.6"
10.5
0.42"
Safety-approved to IEC 60950-1 and UL/CSA 60950 -1
2nd Edition
Table of Contents
Page
Page
Copyright © 2017, Bel Power Solutions Inc. All rights reserved.
Description ............................................................................. 1
Model Selection ..................................................................... 2
Functional Description ........................................................... 4
Electrical Input Data ............................................................... 5
Electrical Output Data ............................................................ 8
Auxiliary Functions ............................................................... 13
Electromagnetic Compatibility (EMC) .................................. 14
Immunity to Environmental Conditions ................................ 16
Mechanical Data .................................................................. 17
Safety and Installation Instructions ...................................... 18
Description of Options ......................................................... 19
Accessories .......................................................................... 19
1 110IMY15
models
1


Similar Part No. - IMS15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
15 Watt DC-DC Converters
More results

Similar Description - IMS15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
15 Watt DC-DC Converters
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
AIMTEC
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
15 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
15 watt dc-dc converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com